Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C01B_08 Datasheet HTML 5Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 6Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 7Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 8Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 9Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 10Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 11Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 12Page - ATMEL Corporation AT24C01B_08 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
5156E–SEEPR–10/08
AT24C01B
6.
Device Addressing
The 1K EEPROM device requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (refer to Figure 8-1).
The device address word consists of a mandatory one, zero sequence for the first four most sig-
nificant bits as shown. This is common to all the EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 1K EEPROM. These 3 bits
must compare to their corresponding hard-wired input pins.
The eighth bit of the device address is the read/write operation select bit. A read operation is ini-
tiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not
made, the chip will return to a standby state.
7.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data
word, the EEPROM will output a zero and the addressing device, such as a microcontroller,
must terminate the write sequence with a stop condition. At this time the EEPROM enters an
internally timed write cycle, t
WR, to the nonvolatile memory. All inputs are disabled during this
write cycle and the EEPROM will not respond until the write is complete (see Figure 8-2 on page
10).
PAGE WRITE: The 1K EEPROM is capable of an 8-byte page write.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop
condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to seven data words. The
EEPROM will respond with a zero after each data word received. The microcontroller must ter-
minate the page write sequence with a stop condition (see Figure 8-3 on page 11).
The data word address lower three bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page
row location. When the word address, internally generated, reaches the page boundary, the fol-
lowing byte is placed at the beginning of the same page. If more than eight data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond with
a zero allowing the read or write sequence to continue.


Similar Part No. - AT24C01B_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
More results

Similar Description - AT24C01B_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
   Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com