Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5423 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATA5423
Description  UHF ASK/FSK Transceiver
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATA5423_07 Datasheet HTML 84Page - ATMEL Corporation ATA5423_07 Datasheet HTML 85Page - ATMEL Corporation ATA5423_07 Datasheet HTML 86Page - ATMEL Corporation ATA5423_07 Datasheet HTML 87Page - ATMEL Corporation ATA5423_07 Datasheet HTML 88Page - ATMEL Corporation ATA5423_07 Datasheet HTML 89Page - ATMEL Corporation ATA5423_07 Datasheet HTML 90Page - ATMEL Corporation ATA5423_07 Datasheet HTML 91Page - ATMEL Corporation ATA5423_07 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
88
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
10.12
Current during
T
Startup_PLL on pin VS2
IVSOUT = 0
17
IStartup_PLL_VS2
9.1
12
mA
C
10.13
Current in
RX polling mode on
on pin VS2
10.14
Supply current
RX polling mode
CLK enabled
V
VSOUT enabled
CLK disabled
V
VSOUT enabled
V
VSOUT disabled
17,
22, 27
I
S_Poll
I
S_Poll = IP + IVSINT + IEXT
I
S_Poll = IP + IEXT
I
S_Poll = IP
10.15
Current in TX mode
on pin VS2
I
VSOUT = 0
Pout = 5 dBm/10 dBm
315 MHz/5 dBm
315 MHz/10 dBm
345 MHz/5 dBm
345 MHz/10 dBm
433.92 MHz/5 dBm
433.92 MHz/10 dBm
868.3 MHz/5 dBm
868.3 MHz/10 dBm
915 MHz/5 dBm
915 MHz/10 dBm
17, 19
I
TX_VS2
10.7
16.2
10.8
16.3
10.9
16.3
11.6
17.8
12.3
20.0
13.9
21.0
14.0
21.2
14.0
21.0
15.0
23.0
16.0
26.0
mA
B
10.16
Supply current
TX mode
CLK enabled
VVSOUT enabled
CLK disabled
VVSOUT enabled
17,
22, 27
I
S_TX
IS_TX = ITX_VS2 + IVSINT + IEXT
IS_TX = ITX_VS2 + IEXT
14. Electrical Characteristics: 2 Li Battery Application (6V) (Continued)
All parameters refer to GND and are valid for Tamb = 25°C, VVS2 = 6.0V. Application according to Figure 2-3 on page 9
fRF =315 MHz/345MHz/433.92MHz/868.3MHz/915 MHz unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. The voltage of VAUX may rise up to 2 V. The current I
VAUX may not exceed 100 µA.
I
P
I
IDLE_VS2
T
SLEEP
I
Startup_PLL_VS2
T
Startup_PLL
I
RX_VS2
T
Startup_Sig_Proc
T
Bitcheck
+
()
×
+
×
+
×
T
Sleep
T
Startup_PLL
T
Startup_Sig_Proc
T
Bitcheck
++
+
-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=


Similar Part No. - ATA5423_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5423_0601 ATMEL-ATA5423_0601 Datasheet
182Kb / 2P
   SMART RF INTEGRATED WIRELESS DATA TRANSCEIVER
More results

Similar Description - ATA5423_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com