Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1302CISTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1302CISTRT
Description  Dual High Speed Low-Side MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302CISTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1302CISTRT Datasheet HTML 2Page - Semtech Corporation SC1302CISTRT Datasheet HTML 3Page - Semtech Corporation SC1302CISTRT Datasheet HTML 4Page - Semtech Corporation SC1302CISTRT Datasheet HTML 5Page - Semtech Corporation SC1302CISTRT Datasheet HTML 6Page - Semtech Corporation SC1302CISTRT Datasheet HTML 7Page - Semtech Corporation SC1302CISTRT Datasheet HTML 8Page - Semtech Corporation SC1302CISTRT Datasheet HTML 9Page - Semtech Corporation SC1302CISTRT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1302A/B/C/D/E/F
Outline Drawing - MSOP-8
Land Pattern - MSOP-8
.010
.004
-
.016
.003
.024
(.037)
-
.000
.030
-
-
-
-
0.25
0.10
-
0.60
(.95)
.032
.009
0.40
0.08
.043
.006
.037 0.75
0.00
-
0.80
0.23
-
0.95
1.10
0.15
-
-
-
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
e
H
e/2
D
PLANE
DETAIL
.193 BSC
.026 BSC
aaa C
SEATING
ccc C
2X N/2 TIPS
INDICATOR
E/2
PIN 1
2X
8
bbb
C A-B D
SEE DETAIL
A1
A
A2
bxN
D
0.25
A
PLANE
GAGE
.005
E1
12
N
.114
.114
.118
.118
.009
-
8
01
c
(L1)
L
A
0.13
3.00
3.00
4.90 BSC
0.65 BSC
.122
.122
2.90
2.90
.015 0.22
3.10
3.10
0.38
-
REFERENCE JEDEC STD MO-187, VARIATION AA.
4.
DIM
ccc
A1
e
bbb
aaa
01
L1
N
L
D
E1
E
A2
b
c
A
MILLIMETERS
NOM
DIMENSIONS
INCHES
MIN NOM MAX MIN
MAX
E
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
P
X
(C)
Y
Z
G
.224
.063
.016
.026
(.161)
.098
(4.10)
5.70
1.60
0.40
0.65
2.50
MILLIMETERS
DIMENSIONS
DIM
INCHES
X
Z
Y
C
P
G


Similar Part No. - SC1302CISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302CISTRT SEMTECH-SC1302CISTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302CISTRT SEMTECH-SC1302CISTRT Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
More results

Similar Description - SC1302CISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
   High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1_15 Datasheet
462Kb / 22P
[Old version datasheet]   Dual 4A Peak High-Speed Low-Side Power MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
   High-Speed High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com