Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5823 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA5823
Description  UHF ASK/FSK Transceiver
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5823 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA5823_06 Datasheet HTML 2Page - ATMEL Corporation ATA5823_06 Datasheet HTML 3Page - ATMEL Corporation ATA5823_06 Datasheet HTML 4Page - ATMEL Corporation ATA5823_06 Datasheet HTML 5Page - ATMEL Corporation ATA5823_06 Datasheet HTML 6Page - ATMEL Corporation ATA5823_06 Datasheet HTML 7Page - ATMEL Corporation ATA5823_06 Datasheet HTML 8Page - ATMEL Corporation ATA5823_06 Datasheet HTML 9Page - ATMEL Corporation ATA5823_06 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
6
4829D–RKE–06/06
ATA5823/ATA5824
3.
Typical Key Fob Application for Bi-directional RKE
Figure 3-1.
Typical Key Fob Application for Bi-directional RKE with 5 dBm TX Power, 433.92 MHz
Figure 3-1 shows a typical 433.92 MHz RKE key fob application. The external components are
10 capacitors, 1 resistor, 2 inductors and a crystal. C
1 to C3 are 68 nF voltage supply blocking
capacitors. C
5 is a 10 nF supply blocking capacitor. C6 is a 15 nF fixed capacitor used for the
internal quasi-peak detector and for the high-pass frequency of the data filter. C
7 to C11 are RF
matching capacitors in the range of 1 pF to 33 pF. L
1 is a matching inductor of about 5.6 nH to
56 nH. L
2 is a feed inductor of about 120 nH. A load capacitor of 9 pF for the crystal is inte-
grated. R
1 is typically 22 kΩ and sets the output power to about 5.5 dBm. The loop antenna’s
quality factor is somewhat reduced by this application due to the quality factor of L
2 and the
RX/TX switch. On the other hand, this lower quality factor is necessary to have a robust design
with a bandwidth that is wide enough for production tolerances. Due to the single-ended and
ground-referenced design, the loop antenna can be a free-form wire around the application as it
is usually employed in RKE unidirectional systems. The ATA5823/ATA5824 provides sufficient
isolation and robust pulling behavior of internal circuits from the supply voltage as well as an
integrated VCO inductor to allow this. Since the efficiency of a loop antenna is proportional to the
square of the surrounded area, it is beneficial to have a large loop around the application board
with a lower quality factor to relax the tolerance specification of the RF matching components
and to get a high antenna efficiency in spite of their lower quality factor.
VSINT
POUT
XTAL2
CLK
TEST3
IRQ
RSSI
CDEM
CS
SCK
SDI_TMDI
SDO_TMDO
RF_IN
NC
NC
R_PWR
RF_OUT
433_N868
PWR_H
NC
NC
NC
NC
NC
NC
VCC
VSS
AVCC
Loop antenna
Microcontroller
ATA5823/ATA5824
Litihum-cell
C
1
C
9
C
8
C
10
C
5
C
11
C
6
C
3
+
L
1
L
2
C
2
R
1
13.25311 MHz
C
7


Similar Part No. - ATA5823_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5823-PLQW ATMEL-ATA5823-PLQW Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5823_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com