Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1701BI085TRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1701BI085TRT
Description  Highly linear wideband LNA Multi-channel, single-ended to differential conversion
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1701BI085TRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1701BI085TRT Datasheet HTML 5Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 6Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 7Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 8Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 9Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 10Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 11Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 12Page - Semtech Corporation SX1701BI085TRT Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SX1701B
ADVANCED COMMUNICATION & SENSING PRODUCTS
Datasheet
5
APPLICATION EXAMPLE
Although intended for differential output operation, the SX1701B may be used for the single-ended output
configuration as shown in Figure 5. Note that some degradation in device performance may be experienced, including
a 3 dB reduction in gain.
5.1
SINGLE-ENDED INPUT TO 1 DIFFERENTIAL OUTPUTS WITH LOOP-THROUGH SINGLE-ENDED
OUTPUT
NC
NC
G1(1:0)
G2(1:0)
OUTM1
OUTP1
OUTM2
OUTP2
IN
VDD1
GND
75
Ω RF INPUT
0.3pF
C0G
0603
470pF
C0G
0603
3.9nH
wirewound
0603
1
17
3
470pF
C0G
0603
3K3
0603
Gain control
58
9 12 13 16
6
7
10
11
14
15
3K3
0603
75
Ω
RF SINGLE ENDED OUTPUT
loop
3K3
0603
3K3
0603
SX1701B
DEC
VDD2
470pF
C0G
0603
2
4
+ 5.0 V
10nF
X7R
0603
1nF
X7R
0603
470pF
C0G
0603
470pF
C0G
0603
470pF
C0G
0603
100
Ω
RF BALANCED OUTPUT
To BCM tuner
470pF
C0G
0603
51R0
0603
100R
0603
15R0
0603
Figure 5. Differential output with loop-through.
V1.11_STD – August 26
th, 2008
10/13
www.semtech.com


Similar Part No. - SX1701BI085TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701A SEMTECH-SX1701A Datasheet
460Kb / 13P
   Highly linear wideband LNA Single-channel, single-ended to differential conversion
SX1701AI085TRT SEMTECH-SX1701AI085TRT Datasheet
460Kb / 13P
   Highly linear wideband LNA Single-channel, single-ended to differential conversion
SX1701I085TRT SEMTECH-SX1701I085TRT Datasheet
464Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
More results

Similar Description - SX1701BI085TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1701 SEMTECH-SX1701 Datasheet
464Kb / 13P
   Highly linear wideband LNA Multi-channel, single-ended to differential conversion
SX1701A SEMTECH-SX1701A Datasheet
460Kb / 13P
   Highly linear wideband LNA Single-channel, single-ended to differential conversion
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
   Highly Linear LNA/Downconverter 800-900 MHz
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
   Wideband LNA
logo
RFHIC
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
   Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
   Wideband LNA
logo
Mini-Circuits
AVA-0233LN++ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
   Wideband LNA
REV. A
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
   Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
   Wideband LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com