Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1211 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SX1211
Description  Ultra-Low Power Integrated UHF Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1211 Datasheet(HTML) 5 Page - Semtech Corporation

  SX1211 Datasheet HTML 1Page - Semtech Corporation SX1211 Datasheet HTML 2Page - Semtech Corporation SX1211 Datasheet HTML 3Page - Semtech Corporation SX1211 Datasheet HTML 4Page - Semtech Corporation SX1211 Datasheet HTML 5Page - Semtech Corporation SX1211 Datasheet HTML 6Page - Semtech Corporation SX1211 Datasheet HTML 7Page - Semtech Corporation SX1211 Datasheet HTML 8Page - Semtech Corporation SX1211 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
SX1211
ADVANCED COMMUNICATIONS & SENSING
Rev 7 – Sept 2
nd, 2008
Page 5 of 92
www.semtech.com
This product datasheet contains a detailed description of the SX1211 performance and functionality. Please consult
the Semtech website for the latest updates or errata.
1. General Description
The SX1211 is a single chip FSK and OOK transceiver capable of operation in the 863-870 MHz and 902-928 MHz
license free ISM frequency bands, as well as the 950 - 960 MHz frequency band. It complies with both the relevant
European and North American standards, EN 300-220 V2.1.1 (June 2006 release) and FCC Part 15 (10-1-2006
edition). A unique feature of this circuit is its extremely low current consumption in receiver mode of only 3mA (typ).
The SX1211 comes in a 5x5 mm TQFN-32 package.
1.1. Simplified Block Diagram
Figure 1: SX1211 Simplified Block Diagram


Similar Part No. - SX1211

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1211 SEMTECH-SX1211 Datasheet
1Mb / 73P
   Lowest Power Integrated UHF Transceiver Short Range Devices
SX1211-11SKA SEMTECH-SX1211-11SKA Datasheet
944Kb / 26P
   Advanced Mode
SX1211I084TRT SEMTECH-SX1211I084TRT Datasheet
1Mb / 73P
   Lowest Power Integrated UHF Transceiver Short Range Devices
More results

Similar Description - SX1211

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
   SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
   Ultra-Low Power Integrated UHF Receiver
SX1213 SEMTECH-SX1213 Datasheet
1Mb / 65P
   Ultra-Low Power Integrated UHF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com