Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1503 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX1503
Description  4/8/16 Channel Low Voltage GPIO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1503 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX1503 Datasheet HTML 4Page - Semtech Corporation SX1503 Datasheet HTML 5Page - Semtech Corporation SX1503 Datasheet HTML 6Page - Semtech Corporation SX1503 Datasheet HTML 7Page - Semtech Corporation SX1503 Datasheet HTML 8Page - Semtech Corporation SX1503 Datasheet HTML 9Page - Semtech Corporation SX1503 Datasheet HTML 10Page - Semtech Corporation SX1503 Datasheet HTML 11Page - Semtech Corporation SX1503 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 7 – 2
nd Oct. 2008
www.semtech.com
8
SX1501/SX1502/SX1503
4/8/16 Channel Low Voltage GPIO
Symbol
Description
Conditions
Min
Typ
Max
Unit
tIR
Interrupt reset timing
From RegInterruptSource
clearing
-
-
2
µs
NRESET (Input/Output)
VOL
Low level output voltage
-
-
-
0.3
V
VDDM >= 2V
-
-
12
IOLM
Low level output sink current
VDDM < 2V
-
-
6
mA
VIHMR
High level input voltage
-
0.7*
VDDM
-
5.5
V
VILM
Low level input voltage
-
-0.4
-
0.3*
VDDM
V
VHYSM
Hysteresis of Schmitt trigger
-
-
0.1*
VDDM
-
V
ILEAK
Input leakage current
-
-1.5
-
1.5
µA
CI
Input capacitance
-
-
-
10
pF
VPOR
Power-On-Reset voltage
Cf. Figure 7
0.7
-
0.9
V
VDROPH High brown-out voltage
Cf. Figure 7
-
VDDM-1
-
V
VDROPL Low brown-out voltage
Cf. Figure 7
-
0.2
-
V
tRESET
Reset time
Cf. Figure 7
0.6
-
7
ms
tPULSE
Reset pulse from host uC
Cf. Figure 7
300
-
-
ns
ADDR (Input)
VIHMA
High level input voltage
-
0.7*
VDDM
-
VDDM
+0.3
V
VILM
Low level input voltage
-
-0.4
-
0.3*
VDDM
V
VHYSM
Hysteresis of Schmitt trigger
-
-
0.1*
VDDM
-
V
ILEAK
Input leakage current
-
-1.5
-
1.5
µA
CI
Input capacitance
-
-
-
10
pF
SCL (Input) and SDA (Input/Output)
(3)
Interface complies with slave F/S mode I
2C interface as described by Philips I2C specification version 2.1
dated January, 2000. Please refer to that document for more detailed I
2C specifications.
VOL
Low level output voltage
-
-
-
0.3
V
VDDM >= 2V
-
-
12
IOLM
Low level output sink current
VDDM < 2V
-
-
6
mA
VIHMR
High level input voltage
-
0.7*
VDDM
-
5.5
V
VILM
Low level input voltage
-
-0.4
-
0.3*
VDDM
V
fSCL
SCL clock frequency
-
0
-
400
kHz
tHD;STA
Hold time (repeated) START
condition
-
0.6
-
-
µs
tLOW
LOW period of the SCL clock
-
1.3
-
-
µs
VDDM >= 1.3V
0.6
-
-
tHIGH
HIGH period of the SCL clock
VDDM < 1.3V
1
-
-
µs
tSU;STA
Set-up time for a repeated
START condition
-
0.6
-
-
µs
tHD;DAT
Data hold time
-
0
(4)
-
0.9
(5)
µs
tSU;DAT
Data set-up time
-
100
(6)
-
-
tr
Rise time of both SDA and
SCL signals
-
20+0.1Cb
(7)
-
300
ns


Similar Part No. - SX1503

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1503 SEMTECH-SX1503 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1503I091TRT SEMTECH-SX1503I091TRT Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
More results

Similar Description - SX1503

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
SX1501 SEMTECH-SX1501_09 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1504 SEMTECH-SX1504 Datasheet
622Kb / 33P
   4/8/16 Channel GPIO with NINT and NRESET
logo
Analog Devices
ADG706 AD-ADG706_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707 AD-ADG707_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG706 AD-ADG706 Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
logo
Maxim Integrated Produc...
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com