Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1502 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1502
Description  4/8/16 Channel Low Voltage GPIO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1502 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1502 Datasheet HTML 6Page - Semtech Corporation SX1502 Datasheet HTML 7Page - Semtech Corporation SX1502 Datasheet HTML 8Page - Semtech Corporation SX1502 Datasheet HTML 9Page - Semtech Corporation SX1502 Datasheet HTML 10Page - Semtech Corporation SX1502 Datasheet HTML 11Page - Semtech Corporation SX1502 Datasheet HTML 12Page - Semtech Corporation SX1502 Datasheet HTML 13Page - Semtech Corporation SX1502 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 7 – 2
nd Oct. 2008
www.semtech.com
10
SX1501/SX1502/SX1503
4/8/16 Channel Low Voltage GPIO
3
TYPICAL OPERATING CHARACTERISTICS
Figures below apply to default registers values (Boost Mode Off), Tamb, unless otherwise specified.
3.1
IDDM vs. VDDM
IDDM vs VDDM
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
VDDM (V)
IDDM (uA)
90°C
-40°C
3.2
VOL vs. IOL
VOL vs IOL (VCC1,2=1.2V, all IOs)
0
0.05
0.1
0.15
0
3
4.5
6
7.5
9
IOL (mA)
VOL (V)
Tamb
*
*
Doesn’t vary significantly with temperature
1.5


Similar Part No. - SX1502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1502 SEMTECH-SX1502 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1502EVK SEMTECH-SX1502EVK Datasheet
622Kb / 33P
   4/8/16 Channel GPIO with NINT and NRESET
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
SX1502I087TRT SEMTECH-SX1502I087TRT Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
More results

Similar Description - SX1502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
   4/8/16 Channel Low Voltage GPIO
SX1501 SEMTECH-SX1501_09 Datasheet
641Kb / 34P
   4/8/16 Channel Low Voltage GPIO with NINT and NRESET
SX1504 SEMTECH-SX1504 Datasheet
622Kb / 33P
   4/8/16 Channel GPIO with NINT and NRESET
logo
Analog Devices
ADG706 AD-ADG706_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707 AD-ADG707_15 Datasheet
246Kb / 12P
   Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG706 AD-ADG706 Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
logo
Maxim Integrated Produc...
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com