Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C323-END+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS80C323-END+
Description  High-Speed/Low-Power Microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C323-END+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS80C323-END+ Datasheet HTML 1Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 2Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 3Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 4Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 5Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 6Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 7Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 8Page - Maxim Integrated Products DS80C323-END+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1 of 40
REV: 101006
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
80C32-Compatible
8051 Pin and Instruction Set Compatible
Four 8-Bit I/O Ports
Three 16-Bit Timer/Counters
256 Bytes Scratchpad RAM
Addresses 64kB ROM and 64kB RAM
High-Speed Architecture
4 Clocks/Machine Cycle (8032 = 12)
DC to 33MHz (DS80C320)
DC to 18MHz (DS80C323)
Single-Cycle Instruction in 121ns
Uses Less Power for Equivalent Work
Dual Data Pointer
Optional Variable Length MOVX to Access
Fast/Slow RAM/Peripherals
High-Integration Controller Includes:
Power-Fail Reset
Programmable Watchdog Timer
Early Warning Power-Fail Interrupt
Two Full-Duplex Hardware Serial Ports
13 Total Interrupt Sources with Six
External
Available in 40-Pin DIP, 44-Pin PLCC, and
44-Pin TQFP
The High-Speed Microcontroller User’s Guide must be
used in conjunction with this data sheet. Download it
at: www.maxim-ic.com/microcontrollers.
Data
sheets
contain
pin
descriptions,
feature
overviews, and electrical specifications, whereas the
user’s guide contains detailed information about
device features and operation.
PIN CONFIGURATIONS
DS80C320/DS80C323
High-Speed/Low-Power Microcontrollers
www.maxim-ic.com
TOP VIEW


Similar Part No. - DS80C323-END+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C323-END MAXIM-DS80C323-END Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
logo
Dallas Semiconductor
DS80C323-END DALLAS-DS80C323-END Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C323-END MAXIM-DS80C323-END Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C323-END+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com