Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1205I074TRLF Datasheet(PDF) 4 Page - Semtech Corporation

Part # XE1205I074TRLF
Description  180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1205I074TRLF Datasheet(HTML) 4 Page - Semtech Corporation

  XE1205I074TRLF Datasheet HTML 1Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 2Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 3Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 4Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 5Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 6Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 7Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 8Page - Semtech Corporation XE1205I074TRLF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
© Semtech 2008
www.semtech.com
4
XE1205
3
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
0
EPAD
Pad below package (should be grounded)
1
SW(0)
I/O
Transmit/Receive/Stand-by/Sleep Mode Select
2
SW(1)
I/O
Transmit/Receive/Stand-by/Sleep Mode Select
3
NC
Not connected (should be grounded)
4
NC
Not connected (should be grounded)
5
RFA
I
RF Input
6
RFB
I
RF Input
7
VSSP2
Power Amplifier Ground
8
VSSP2
Power Amplifier Ground
9
RFOUT
O
RF Output
10
VDDP
Power Amplifier Supply Voltage
11
VSSP
Power Amplifier Ground
12
VDDF
Second HF Analog Supply voltage
13
VSSF
Second HF Analog Ground
14
TKA
I/O
VCO Tank
15
VSSF
Second HF Analog Ground
16
TKB
I/O
VCO Tank
17
VSSF
Second HF Analog Ground
18
LFB
I/O
PLL Loop Filter
19
VDDD
HF Digital Supply Voltage
20
VSS
LF Digital Ground
21
NSS_CONFIG
I
SPI SELECT CONFIG
22
NSS_DATA
I
SPI SELECT DATA (DATA_IN in continuous mode)
23
VDD
LF Digital Supply Voltage
24
IRQ_0
O
Interrupt (refer to chapter 5.2.5 for mapping options)
25
IRQ_1
O
Interrupt(refer to chapter 5.2.5 for mapping options)
26
DATA
I/O
Data input and output (output only in continuous mode)
27
CLKOUT
O
Output clock at reference frequency divided by 2, 4, 8, 16, 32
28
MISO
O
SPI Master Input Slave Output
29
MOSI
I
SPI Master Output Slave Input
30
SCK
I
SPI CLOCK
31
XTA
I/O
Ref Xtal / Input of external clock
32
VSSA
LF analog ground
33
XTB
I/O
Reference Xtal
34
VDDA
LF Analog Supply Voltage
35
POR
I/O
Not used (should not be connected)
36
NC
Not connected (should be grounded)
37
TIBIAS
I/O
Test pin (should be grounded in normal operation)
38
TSUPP
Test pin (should be grounded in normal operation)
39
VDDA
LF Analog Supply Voltage
40
VSSA
LF analog ground
41
QAMP
O
Output of Q-Ch low-pass filter
42
IAMP
O
Output of -ChI low-pass filter
43
TMOD(3)
I/O
Test pin (should be grounded in normal operation)
44
TMOD(2)
I/O
Test pin (should be grounded in normal operation)
45
TMOD(1)
I/O
Test pin (should be grounded in normal operation)
46
TMOD(0)
I/O
Test pin (should be grounded in normal operation)
47
NC
Not connected (should be grounded)
48
NC
Not connected (should be grounded)
Table 1: Pin description


Similar Part No. - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE12001 OKAYA-XE12001 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE12001 OKAYA-XE12001 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
76Kb / 1P
   SPARK QUENCHER
XE1201 OKAYA-XE1201 Datasheet
401Kb / 1P
   SPARK QUENCHER
More results

Similar Description - XE1205I074TRLF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
SX1232 SEMTECH-SX1232 Datasheet
1Mb / 97P
   High Link Budget Integrated UHF Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
   868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com