Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1203F Datasheet(PDF) 14 Page - Semtech Corporation

Part # XE1203F
Description  433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1203F Datasheet(HTML) 14 Page - Semtech Corporation

Back Button XE1203F Datasheet HTML 10Page - Semtech Corporation XE1203F Datasheet HTML 11Page - Semtech Corporation XE1203F Datasheet HTML 12Page - Semtech Corporation XE1203F Datasheet HTML 13Page - Semtech Corporation XE1203F Datasheet HTML 14Page - Semtech Corporation XE1203F Datasheet HTML 15Page - Semtech Corporation XE1203F Datasheet HTML 16Page - Semtech Corporation XE1203F Datasheet HTML 17Page - Semtech Corporation XE1203F Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
© Semtech 2007
www.semtech.com
14
XE1203F
Figure 8: Modulation with and without pre-filtering
The main characteristic of this pre-filtering function is the ratio between the rise/fall time to the bit duration, trise/tbit.
The value of this ratio can be programmed between two pre-defined values in the RTParam_Stair configuration bit,
as shown in the Table 7.
RTParam_Stair
trise/tbit
0
10%
1
20%
Table 7: trise/tbit ratio
When the pre-filtering function is enabled (RTParam_Filter set to “1”), only the following bit rates and frequency
deviations can be used:
FSParam_Dev
Frequency deviation
00101000
00110111
01010000
10100000
11001000
40 kHz
55 kHz
80 kHz
160 kHz
200 kHz
No filtering
Staircase filtering
Datain or
data
INfreq_synth
INfreq_synth


Similar Part No. - XE1203F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
logo
Okaya Electric America,...
XE1203 OKAYA-XE1203 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE1203 OKAYA-XE1203 Datasheet
76Kb / 1P
   SPARK QUENCHER
logo
List of Unclassifed Man...
XE1203I063 ETC1-XE1203I063 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
More results

Similar Description - XE1203F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
   MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
ams AG
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
   OnBoard 868/915/8682400 MHz - Antenna
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Linx Technologies
ANT-8-VDP-2000-SMA LINX-ANT-8-VDP-2000-SMA Datasheet
932Kb / 8P
   Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
   Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com