Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC630EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC630EVB
Description  Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC630EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC630EVB Datasheet HTML 4Page - Semtech Corporation SC630EVB Datasheet HTML 5Page - Semtech Corporation SC630EVB Datasheet HTML 6Page - Semtech Corporation SC630EVB Datasheet HTML 7Page - Semtech Corporation SC630EVB Datasheet HTML 8Page - Semtech Corporation SC630EVB Datasheet HTML 9Page - Semtech Corporation SC630EVB Datasheet HTML 10Page - Semtech Corporation SC630EVB Datasheet HTML 11Page - Semtech Corporation SC630EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SC630
8
Pin Descriptions
Pin
Pin Name
Pin Function
1
GND
Ground
connect to ground plane with multiple vias
2
C1+
Positive terminal of bucket capacitor 1
3
C1-
Negative terminal of bucket capacitor 1
4
IN
Input supply voltage
5EN
Chip enable
active-high
6
OUT
Output
7
C2+
Positive terminal of bucket capacitor 2
8
C2-
Negative terminal of bucket capacitor 2
T
Thermal Pad
This pad is for heat sinking and is not connected internally. It must be connected to a ground plane using
multiple vias.


Similar Part No. - SC630EVB

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
   Pedometer
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
logo
Mallory Sonalert Produc...
SC630JWR MSPI-SC630JWR Datasheet
52Kb / 1P
   Voltage Rating 9 to 30 VDC
More results

Similar Description - SC630EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Semtech Corporation
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Semtech Corporation
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com