Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C320 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS80C320 Datasheet HTML 1Page - Maxim Integrated Products DS80C320 Datasheet HTML 2Page - Maxim Integrated Products DS80C320 Datasheet HTML 3Page - Maxim Integrated Products DS80C320 Datasheet HTML 4Page - Maxim Integrated Products DS80C320 Datasheet HTML 5Page - Maxim Integrated Products DS80C320 Datasheet HTML 6Page - Maxim Integrated Products DS80C320 Datasheet HTML 7Page - Maxim Integrated Products DS80C320 Datasheet HTML 8Page - Maxim Integrated Products DS80C320 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
4 of 40
PIN DESCRIPTION (continued)
PIN
DIP
PLCC
TQFP
NAME
FUNCTION
30
33
27
ALE
Address Latch-Enable Output. This pin functions as a clock to latch
the external address LSB from the multiplexed address/data bus. This
signal is commonly connected to the latch enable of an external 373
family transparent latch. ALE has a pulse width of 1.5 XTAL1 cycles
and a period of four XTAL1 cycles. ALE is forced high when the
device is in a reset condition.
39
43
37
AD0
38
42
36
AD1
37
41
35
AD2
36
40
34
AD3
35
39
33
AD4
34
38
32
AD5
33
37
31
AD6
32
36
30
AD7
Port 0, Input/Output. Port 0 is the multiplexed address/data bus.
During the time when ALE is high, the LSB of a memory address is
presented. When ALE falls, the port transitions to a bi-directional data
bus. This bus is used to read external ROM and read/write external
RAM memory or peripherals. The Port 0 has no true port latch and
cannot be written directly by software. The reset condition of Port 0 is
high. No pullup resistors are needed.
Port 1, I/O. Port 1 functions as both an 8-bit, bidirectional I/O port and
an alternate functional interface for Timer 2 I/O, new External
Interrupts, and new Serial Port 1. The reset condition of Port 1 is with
all bits at logic 1. In this state, a weak pullup holds the port high. This
condition also serves as an input mode, since any external circuit that
writes to the port will overcome the weak pullup. When software writes
a 0 to any port pin, the device will activate a strong pulldown that
remains on until either a 1 is written or a reset occurs. Writing a 1 after
the port has been at 0 will cause a strong transition driver to turn on,
followed by a weaker sustaining pullup. Once the momentary strong
driver turns off, the port once again becomes the output high (and
input) state. The alternate modes of Port 1 are outlined as follows:
PIN
DIP
PLCC
TQFP
PORT
ALTERNATE
FUNCTION
1
2
40
P1.0
T2
External I/O for
Timer/Counter 2
2
3
41
P1.1
T2EX
Timer/Counter 2
Capture/Reload Trigger
3
4
42
P1.2
RXD1
Serial Port 1 Input
4
5
43
P1.3
TXD1
Serial Port 1 Output
5
6
44
P1.4
INT2
External Interrupt 2
(Positive-Edge Detect)
6
7
1
P1.5
INT3
External Interrupt 3
(Negative-Edge Detect)
7
8
2
P1.6
INT4
External Interrupt 4
(Positive-Edge Detect)
1–8
2–9
40–44,
1–3
P1.0–P1.7
8
9
3
P1.7
INT5
External Interrupt 5
(Negative-Edge Detect)


Similar Part No. - DS80C320

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320 DALLAS-DS80C320 Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
logo
Dallas Semiconductor
DS80C320-ECD DALLAS-DS80C320-ECD Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
DS80C320-ECG DALLAS-DS80C320-ECG Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Maxim Integrated Produc...
DS80C320-ECG MAXIM-DS80C320-ECG Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
More results

Similar Description - DS80C320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com