Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1202A Datasheet(PDF) 19 Page - Semtech Corporation

Part # XE1202A
Description  433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1202A Datasheet(HTML) 19 Page - Semtech Corporation

Back Button XE1202A Datasheet HTML 15Page - Semtech Corporation XE1202A Datasheet HTML 16Page - Semtech Corporation XE1202A Datasheet HTML 17Page - Semtech Corporation XE1202A Datasheet HTML 18Page - Semtech Corporation XE1202A Datasheet HTML 19Page - Semtech Corporation XE1202A Datasheet HTML 20Page - Semtech Corporation XE1202A Datasheet HTML 21Page - Semtech Corporation XE1202A Datasheet HTML 22Page - Semtech Corporation XE1202A Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© Semtech 2006
www.semtech.com
20
XE1202A TrueRF™
5.2.3
DataOut register
Name
Bits
Byte Address
Description
DataOut_RSSI
7-6
00101
RSSI output:
0 0 -> lowest level
0 1 -> 2
nd level
1 0 -> 3
rd level
1 1 -> highest level
DataOut_FEI
When
RTParam_Fsel = 0
7-0
00101
FEI output:
Output of the up/down counter in
2’s-complement representation
MSB = bit 7
DataOut_FEI
When
RTParam_Fsel = 1
5-4
00101
FEI output:
0 0 -> frequency OK
1 0 -> frequency too low
1 1 -> frequency too high
Table 14: DataOut register
5.2.4
ADParam configuration register
Name
Bits
Byte Address
Description
ADParam_Pattern
7
00110
Pattern recognition enable:
0 -> Disabled
1 -> Enabled
ADParam_Psize
6-5
00110
Size of reference pattern recognition
word:
0 0 -> 8 bits
0 1 -> 16 bits
1 0 -> 24 bits
1 1 -> 32 bits
ADParam_Ptol
4-3
00110
Number of tolerated errors for the
pattern recognition:
0 0 -> 0 error
0 1 -> 1 error
1 0 -> 2 errors
1 1 -> 3 errors
ADParam_Clkfreq
2-1
00110
Frequency of CLKOUT:
0 0 -> 1.22 MHz (div. ratio: 32)
0 1 -> 2.44 MHz (div. ratio: 16)
1 0 -> 4.87 MHz (div. ratio: 8)
1 1 -> 9.75 MHz (div. ratio: 4)
ADParam_IQA
0
00110
IQ amplifiers enable:
0 -> Disabled
1 -> Enabled
ADParam_Res1
7
00111
Reserved. Should be set to “0”
ADParam_Invert
6
00111
Inversion of the Rx output data:
0 -> non-inverted data
1 -> inverted data


Similar Part No. - XE1202A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Okaya Electric America,...
XE1202 OKAYA-XE1202 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE1202 OKAYA-XE1202 Datasheet
76Kb / 1P
   SPARK QUENCHER
logo
List of Unclassifed Man...
XE1202I027 ETC-XE1202I027 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
More results

Similar Description - XE1202A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
   MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
ams AG
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
   OnBoard 868/915/8682400 MHz - Antenna
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Linx Technologies
ANT-8-VDP-2000-SMA LINX-ANT-8-VDP-2000-SMA Datasheet
932Kb / 8P
   Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
   Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com