Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C331-40HMB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C331-40HMB
Description  Asynchronous Registered EPLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C331-40HMB Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C331-40HMB Datasheet HTML 1Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 2Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 3Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 4Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 5Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 6Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 7Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 8Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Asynchronous Registered EPLD
fax id: 6016
CY7C331
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
January 1989 – Revised December 1992
1CY7C331
Features
• Twelve I/O macrocells each having:
— One state flip-flop with an XOR sum-of-products
input
— One feedback flip-flop with input coming from the
I/O pin
— Independent (product term) set, reset, and clock in-
puts on all registers
— Asynchronous bypass capability on all registers un-
der product term control (r = s = 1)
— Global or local output enable on three-state I/O
— Feedback from either register to the array
• 192 product terms with variable distribution to macro-
cells
• 13 inputs, 12 feedback I/O pins, plus 6 shared I/O mac-
rocell feedbacks for a total of 31 true and complemen-
tary inputs
• High speed: 20 ns maximum tPD
• Security bit
• Space-saving 28-pin slim-line DIP package; also avail-
able in 28-pin PLCC
• Low power
— 90 mA typical ICC quiescent
— 180 mA ICC maximum
— UV-erasable and reprogrammable
— Programming and operation 100% testable
Functional Description
The CY7C331 is the most versatile PLD available for asyn-
chronous designs. Central resources include twelve full D-type
flip-flops with separate set, reset, and clock capability. For in-
creased utility, XOR gates are provided at the D-inputs and the
product term allocation per flip-flop is variably distributed.
I/O Resources
Pins 1 through 7 and 9 through 14 serve as array inputs; pin
14 may also be used as a global output enable for the I/O
macrocell three-state outputs. Pins 15 through 20 and 23
through 28 are connected to I/O macrocells and may be man-
aged as inputs or outputs depending on the configuration and
the macrocell OE terms.
Logic Block Diagram
C331–1
14
13
12
11
10
9
7
6
5
4
3
2
1
8
15
16
17
18
19
20
23
24
25
26
27
28
22
21
GND
VCC
PROGRAMMABLE AND ARRAY
(192x62)
10
6
8
8
12
4
6
10
4
12
8
8
I/O11
I/O10
I/O9
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
GND
I6
OE/I12
I11
I10
I9
I8
I7
I5
I4
I3
I2
I1
I0


Similar Part No. - CY7C331-40HMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-100WC CYPRESS-CY7C335-100WC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50JC CYPRESS-CY7C335-50JC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50PC CYPRESS-CY7C335-50PC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
More results

Similar Description - CY7C331-40HMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com