Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C331-30QMB Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C331-30QMB
Description  Asynchronous Registered EPLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C331-30QMB Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C331-30QMB Datasheet HTML 1Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 2Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 3Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 4Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 5Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 6Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 7Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 8Page - Cypress Semiconductor CY7C331-30QMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C331
5
)
AC Test Loads and Waveforms
C331–5
C331–6
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 5ns
≤ 5 ns
OUTPUT
R1 313
(470
Ω Mil)
R2 208
(319
Ω Mil)
125
Equivalent
to: THÉVENIN EQUIVALENT (Commercial)
R1 313
(470
Ω Mil)
50pF
R2 208
(319
Ω Mil)
2.00V=V thc
OUTPUT
190
Equivalent to: THÉVENIN EQUIVALENT (Military)
2.02V=V thm
C331–7
C331–8
Parameter
VX
Output Waveform—Measurement Level
tPXZ(– )
1.5V
VOH
0.5V
VX
0.5V
tPXZ(+)
2.6V
VOL
VX
tPZX(+)
Vthc
0.5V
tPZX(– )
Vthc
VX
VOL
0.5V
VX
VOH
C331–9
C331–10
C331–11
C331–12
tER(– )
1.5V
VOH
0.5V
VX
0.5V
tER(+)
2.6V
VOL
VX
tEA(+)
Vthc
0.5V
tEA(– )
Vthc
VX
VOL
0.5V
VX
VOH
C331–13
C331–14
C331–15
C331–16
(c) Test Waveforms and Measurement Levels
Switching Characteristics Over the Operating Range[2]
Parameter
Description
Commercial
–20
–25
Min.
Max.
Min.
Max.
Unit
tPD
Input to Output Propagation Delay[7]
20
25
ns
tICO
Input Register Clock to Output Delay[8]
35
40
ns
tIOH
Output Data Stable Time from Input Clock[8]
5
5
ns
tIS
Input or Feedback Set-Up Time to Input Register Clock[8]
2
2
ns
tIH
Input Register Hold Time from Input Clock[8]
11
13
ns
tIAR
Input to Input Register Asynchronous Reset Delay[8]
35
40
ns


Similar Part No. - CY7C331-30QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-100WC CYPRESS-CY7C335-100WC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50JC CYPRESS-CY7C335-50JC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50PC CYPRESS-CY7C335-50PC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
More results

Similar Description - CY7C331-30QMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com