Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C335-66HC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C335-66HC
Description  Universal Synchronous EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C335-66HC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C335-66HC Datasheet HTML 1Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 2Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 3Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 4Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 5Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 6Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 7Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 8Page - Cypress Semiconductor CY7C335-66HC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CY7C335
2
Architecture Configuration Bits
The architecture configuration bits are used to program the
multiplexers. The function of the architecture bits is outlined in
Table 1.
Pin Configurations
Top View
PLCC
LCC
Top View
5
6
7
8
9
10
11
4 3 2
282726
12131415161718
25
24
23
22
21
20
19
25
24
23
22
21
20
19
5
6
7
8
9
10
11
121314 1516 1718
4 3 2
2827 26
1
1
C335–2
C335–3
I3
I4
I5
I6
I7
I8
VSS
I3
I4
I5
I6
I7
I8
VSS
I/O3
I/O4
I/O5
VCC
VSS
I/O6
I/O7
I/O3
I/O4
I/O5
VCC
VSS
I/O6
I/O7
Selection Guide
CY7C335–100
CY7C335–83
CY7C335–66
CY7C335–50
Maximum Operating
Frequency (MHz)
Commercial
100
83.3
66.6
50
Military
83.3
66.6
50
ICC1 (mA)
Commercial
140
140
140
140
Military
160
160
160
Table 1. Architecture Configuration Bits
Architecture
Configuration Bit
Number of Bits
Value
Function
C0
Output Enable
Select MUX
12 Bits, 1 Per
I/O Macrocell
0—Virgin State
Output Enable Controlled by Product Term
1—Programmed
Output Enable Controlled by Pin 14
C1
State Register
Feed Back MUX
12 Bits, 1 Per
I/O Macrocell
0—Virgin State
State Register Output is Fed Back to Input Array
1—Programmed
I/O Macrocell is Configured as an Input and
Output of Input Path is Fed to Array
C2
I/O Macrocell
Input Register
Clock Select
MUX
12 Bits, 1 Per
I/O Macrocell
0—Virgin State
ICLK1 Controls the Input Register I/O Macrocell
Input Register Clock Input
1—Programmed
ICLK2 Controls the Input Register I/O Macrocell
Input Register Clock Input
C3
Input Register
Bypass MUX—
I/O Macrocell
12 Bits, 1 Per
I/O Macrocell
0—Virgin State
Selects Input to Feedback MUX from Input
Register
1—Programmed
Selects Input to Feedback MUX from I/O pin
C4
Output Register
Bypass MUX
12 Bits, 1 Per
I/O Macrocell
0—Virgin State
Selects Output from the State Register
1—Programmed
Selects Output from the Array, Bypassing the
State Register
C5
State Clock MUX
16 Bits, 1 Per I/O
Macrocell and 1 Per
Hidden Macrocell
0—Virgin State
State Clock 1 Controls the State Register
1—Programmed
State Clock 2 Controls the State Register


Similar Part No. - CY7C335-66HC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20HC CYPRESS-CY7C331-20HC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20JC CYPRESS-CY7C331-20JC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20PC CYPRESS-CY7C331-20PC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
More results

Similar Description - CY7C335-66HC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com