Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C335-83LMB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C335-83LMB
Description  Universal Synchronous EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C335-83LMB Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C335-83LMB Datasheet HTML 1Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Universal Synchronous EPLD
fax id: 6018
CY7C335
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
July 1991 – Revised March 26, 1997
1CY 7C33 5
Features
• 100-MHz output registered operation
• Twelve I/O macrocells, each having:
— Registered, three-state I/O pins
— Input and output register clock select multiplexer
— Feed back multiplexer
— Output enable (OE) multiplexer
• Bypass on input and output registers
• All twelve macrocell state registers can be hidden
• User configurable I/O macrocells to implement JK or
RS flip-flops and T or D registers
• Input multiplexer per pair of I/O macrocells allows I/O
pin associated with a hidden macrocell state register
to be saved for use as an input
• Four dedicated hidden registers
• Twelve dedicated registered inputs with individually
programmable bypass option
• Three separate clocks—two input clocks, two output
clocks
• Common (pin 14-controlled) or product term-controlled
output enable for each I/O pin
• 256 product terms—32 per pair of macrocells, variable
distribution
• Global, synchronous, product term-controlled, state
register set and reset—inputs to product term are
clocked by input clock
— 2-ns input set-up and 9-ns output register clock to
output
— 10-ns input register clock to state register clock
• 28-pin, 300-mil DIP, LCC, PLCC
• Erasable and reprogrammable
• Programmable security bit
Functional Description
The CY7C335 is a high-performance, erasable, programma-
ble logic device (EPLD) whose architecture has been opti-
mized to enable the user to easily and efficiently construct very
high performance state machines.
The architecture of the CY7C335, consisting of the user-con-
figurable output macrocell, bidirectional I/O capability, input
registers, and three separate clocks, enables the user to de-
sign high-performance state machines that can communicate
either with each other or with microprocessors over bidirec-
tional parallel buses of user-definable widths.
The four clocks permit independent, synchronous state ma-
chines to be synchronized to each other.
The user-configurable macrocells enable the designer to des-
ignate JK-, RS-, T-, or D-type devices so that the number of
product terms required to implement the logic is minimized.
The CY7C335 is available in a wide variety of packages in-
cluding 28-pin, 300-mil plastic and ceramic DIPs, PLCCs, and
LCCs.
Logic Block Diagram
C335–1
14
13
12
11
10
9
7
6
5
4
3
2
1
8
15
16
17
18
19
20
23
24
25
26
27
28
22
21
VSS
VCC
PROGRAMMABLE AND ARRAY
(258x68)
17
11
15
13
19
9
11
17
9
19
13
15
13
17
11
19
I/O11
I/O10
I/O9
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
VSS
I5
OE/I11
I10
I9
I8
I7
I6
I4
I3
I2
I1/CLK3
I0/CLK2
CLK1


Similar Part No. - CY7C335-83LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20HC CYPRESS-CY7C331-20HC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20JC CYPRESS-CY7C331-20JC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20PC CYPRESS-CY7C331-20PC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
More results

Similar Description - CY7C335-83LMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com