Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C335-83LMB Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C335-83LMB
Description  Universal Synchronous EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C335-83LMB Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C335-83LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 9Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY7C335
6
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ...................................–65
°C to +150°C
Ambient Temperature with
Power Applied...............................................–55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 22 to Pins 8 and 21) ............................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.0V to +7.0V
Output Current into Outputs (Low)............................... 12 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
DC Programming Voltage............................................. 13.0V
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +75°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Military[1]
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
VIN = VIH or VIL
IOH = –3.2 mA
Com’l
2.4
V
Mil/Ind
VOL
Output LOW Voltage
VCC = Min.,
VIN = VIH or VIL
IOL = 12 mA
Com’l
0.5
V
Mil/Ind
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All Inputs[3]
2.2
V
VIL
Input LOW Level
Guaranteed Input Logical LOW Voltage for All Inputs[3]
0.8
V
IIX
Input Leakage Current
VSS ≤ VIN ≤ VCC, VCC = Max.
–10
10
µA
IOZ
Output Leakage Current
VCC = Max., VSS ≤ VOUT ≤ VCC
–40
40
µA
ISC
Output Short Circuit Current
VCC = Max., VOUT = 0.5V
[4, 5]
–30
–90
mA
ICC1
Standby Power
Supply Current
VCC = Max., VIN = GND
Outputs Open
Com’l
140
mA
Mil/Ind
160
mA
ICC2
Power Supply Current
at Frequency[5]
VCC = Max.,
Outputs Disabled (in High Z State),
Device Operating at fMAX External (fMAX5)
Com’l
180
mA
Mil/Ind
200
mA
Capacitance[5]
Parameter
Description
Test Conditions
Min.
Max.
Unit
CIN
Input Capacitance
VIN = 2.0V @ f = 1 MHz
10
pF
COUT
Output Capacitance
VOUT = 2.0V @ f = 1 MHz
10
pF
Notes:
1.
tA is the “instant on” case temperature.
2.
See the last page of this specification for Group A subgroup testing information.
3.
These are absolute values with respect to device ground and all overshoots due to system or tester noise are included.
4.
Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. V OUT = 0.5V has been chosen to avoid
test problems caused by ground degradation.
5.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C335-83LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20HC CYPRESS-CY7C331-20HC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20JC CYPRESS-CY7C331-20JC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20PC CYPRESS-CY7C331-20PC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
More results

Similar Description - CY7C335-83LMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com