Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCLAMP0508T Datasheet(PDF) 4 Page - Semtech Corporation

Part # UCLAMP0508T
Description  Low Profile 關ClampTM 8-Line ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0508T Datasheet(HTML) 4 Page - Semtech Corporation

  UCLAMP0508T Datasheet HTML 1Page - Semtech Corporation UCLAMP0508T Datasheet HTML 2Page - Semtech Corporation UCLAMP0508T Datasheet HTML 3Page - Semtech Corporation UCLAMP0508T Datasheet HTML 4Page - Semtech Corporation UCLAMP0508T Datasheet HTML 5Page - Semtech Corporation UCLAMP0508T Datasheet HTML 6Page - Semtech Corporation UCLAMP0508T Datasheet HTML 7Page - Semtech Corporation UCLAMP0508T Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
© 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0508T
Typical Characteristics
Insertion Loss S21
Analog Crosstalk
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
20 dB /REF 0 dB
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -3.0037dB
572.149 MHz
2: -5.0581 dB
800.00 MHz
3: -5.8299 dB
900.00 MHz
4: -23.207
1.80000 GHz
5: -13.452
2.50000 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
1
2
3
4
5


Similar Part No. - UCLAMP0508T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501H.TCT SEMTECH-UCLAMP0501H.TCT Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501P.TCT SEMTECH-UCLAMP0501P.TCT Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501T SEMTECH-UCLAMP0501T Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
More results

Similar Description - UCLAMP0508T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0511T SEMTECH-UCLAMP0511T Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
logo
Samtec, Inc
UCLAMP0511T.TCT SAMTEC-UCLAMP0511T.TCT Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
logo
Semtech Corporation
UCLAMP0501T SEMTECH-UCLAMP0501T Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP2401T SEMTECH-UCLAMP2401T Datasheet
178Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP1211T SEMTECH-UCLAMP1211T Datasheet
158Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP0502T SEMTECH-UCLAMP0502T Datasheet
181Kb / 8P
   Low Profile 關ClampTM 2-Line ESD protection
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
   關ClampTM 1-Line ESD Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com