Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCLAMP0506P.TCT Datasheet(PDF) 8 Page - Semtech Corporation

Part # UCLAMP0506P.TCT
Description  關ClampTM 6-Line ESD protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0506P.TCT Datasheet(HTML) 8 Page - Semtech Corporation

  UCLAMP0506P.TCT Datasheet HTML 1Page - Semtech Corporation UCLAMP0506P.TCT Datasheet HTML 2Page - Semtech Corporation UCLAMP0506P.TCT Datasheet HTML 3Page - Semtech Corporation UCLAMP0506P.TCT Datasheet HTML 4Page - Semtech Corporation UCLAMP0506P.TCT Datasheet HTML 5Page - Semtech Corporation UCLAMP0506P.TCT Datasheet HTML 6Page - Semtech Corporation UCLAMP0506P.TCT Datasheet HTML 7Page - Semtech Corporation UCLAMP0506P.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
 2007 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0506P
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking Code
r
e
b
m
u
N
t
r
a
P
d
a
e
L
h
s
i
n
i
F
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
T
C
T
.
P
6
0
5
0
p
m
a
l
C
ue
e
r
F
b
P0
0
0
,
3h
c
n
I
7
Ordering Information
Tape and Reel Specification
MicroClamp and uClamp are marks of Semtech Corporation
Pin 1
Device Orientation in Tape
0506P
0
A0
B0
K
m
m
5
0
.
0
-
/
+
8
7
.
1m
m
5
0
.
0
-
/
+
8
7
.
1m
m
5
0
.
0
-
/
+
9
6
.
0
e
p
a
T
h
t
d
i
W
)
x
a
M
(
,
BD
1
DE
F
K
)
X
A
M
(
P0
P2
P)
X
A
M
(
TW
m
m
8m
m
2
.
4
m
m
1
.
0
+
5
.
1
)
m
m
0
.
0
-
m
m
5
.
0
5
0
.
0
±
0
1
.
±
0
5
7
.
1
m
m
5
0
.
0
±
5
.
3
m
m
m
m
4
.
2
1
.
0
±
0
.
4
m
m
1
.
0
±
0
.
4
m
m
5
0
.
0
±
0
.
2
m
m
m
m
4
.
0
m
m
0
.
8
m
m
3
.
0
+
m
m
1
.
0
-


Similar Part No. - UCLAMP0506P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0506A SEMTECH-UCLAMP0506A Datasheet
189Kb / 8P
   關ClampTM 5-Line ESD protection Array
UCLAMP0506A.TCT SEMTECH-UCLAMP0506A.TCT Datasheet
189Kb / 8P
   關ClampTM 5-Line ESD protection Array
UCLAMP0506T SEMTECH-UCLAMP0506T Datasheet
158Kb / 7P
   Low Profile Clamp 6-Line ESD Protection
uClamp0506T.TCT SEMTECH-uClamp0506T.TCT Datasheet
158Kb / 7P
   Low Profile Clamp 6-Line ESD Protection
More results

Similar Description - UCLAMP0506P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0505A SEMTECH-UCLAMP0505A Datasheet
198Kb / 8P
   關ClampTM 5-Line ESD protection Array
UCLAMP3304A SEMTECH-UCLAMP3304A Datasheet
174Kb / 8P
   關ClampTM 4-Line ESD protection Array
UCLAMP0504A SEMTECH-UCLAMP0504A Datasheet
202Kb / 8P
   關ClampTM 4-Line ESD protection Array
UCLAMP0506A SEMTECH-UCLAMP0506A Datasheet
189Kb / 8P
   關ClampTM 5-Line ESD protection Array
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
   關ClampTM 1-Line ESD Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0502P SEMTECH-UCLAMP0502P Datasheet
170Kb / 7P
   關ClampTM 2-Line ESD protection
UCLAMP0544P SEMTECH-UCLAMP0544P Datasheet
162Kb / 7P
   關ClampTM 4-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com