Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1386 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1386
Description  Low frequency transistor (−20V, −5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1386 Datasheet(HTML) 1 Page - Rohm

  2SB1386_1 Datasheet HTML 1Page - Rohm 2SB1386_1 Datasheet HTML 2Page - Rohm 2SB1386_1 Datasheet HTML 3Page - Rohm 2SB1386_1 Datasheet HTML 4Page - Rohm 2SB1386_1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SB1386 / 2SB1412
Transistors
Rev.B
1/4
Low frequency transistor (
−20V, −5A)
2SB1386 / 2SB1412
Features
1) Low VCE(sat).
VCE(sat) =
−0.35V (Typ.)
(IC/IB =
−4A / −0.1A)
2) Excellent DC current gain characteristics.
3) Complements the 2SD2098 / 2SD2118.
Structure
Epitaxial planar type
PNP silicon transistor
Dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
1 Single pulse, Pw=10ms
2 When mounted on a 40×40×0.7 mm ceramic board.
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
−30
V
V
V
A(DC)
°C
°C
−20
−6
−5
IC
A(Pulse)
−10
1
2
0.5
2W
W
W
1
10
W(Tc
=25
°C)
2SB1386
2SB1412
150
−55 to 150
Symbol
Limits
Unit
(1) Base
(2) Collector
(3) Emitter
ROHM : CPT3
EIAJ : SC-63
2SB1386
2SB1412
(1) Base
(2) Collector
(3) Emitter
ROHM : MPT3
EIAJ : SC-62
Denotes hFE
Abbreviated symbol: BH


Similar Part No. - 2SB1386_1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386T100Q ROHM-2SB1386T100Q Datasheet
135Kb / 4P
   Low frequency transistor (??0V,??A)
2SB1386T100R ROHM-2SB1386T100R Datasheet
135Kb / 4P
   Low frequency transistor (??0V,??A)
logo
Unisonic Technologies
2SB1386 UTC-2SB1386_10 Datasheet
178Kb / 5P
   LOW FREQUENCY PNP TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SB1386 SECOS-2SB1386_10 Datasheet
512Kb / 3P
   PNP Silicon Low Frequency Transistor
logo
Guangdong Kexin Industr...
2SB1386 KEXIN-2SB1386_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB1386_1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1412 ROHM-2SB1412_09 Datasheet
192Kb / 4P
   Low frequency transistor (−20V,−5A)
2SB1424 ROHM-2SB1424_1 Datasheet
91Kb / 4P
   Low VCE(sat) Transistor (−20V, −3A)
2SB1427 ROHM-2SB1427_1 Datasheet
69Kb / 3P
   Power transistor (−20V, −2A)
2SA1952 ROHM-2SA1952_1 Datasheet
77Kb / 3P
   High-speed Switching Transistor (−60V, −5A)
QS6U22 ROHM-QS6U22 Datasheet
60Kb / 4P
   Small switching (−20V, −1.5A)
US6J2 ROHM-US6J2 Datasheet
64Kb / 5P
   Small switching (−20V, −1A)
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
   Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
   LOW FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com