Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCLAMP0501P.TCT Datasheet(PDF) 3 Page - Semtech Corporation

Part # UCLAMP0501P.TCT
Description  關ClampTM 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0501P.TCT Datasheet(HTML) 3 Page - Semtech Corporation

  UCLAMP0501P.TCT Datasheet HTML 1Page - Semtech Corporation UCLAMP0501P.TCT Datasheet HTML 2Page - Semtech Corporation UCLAMP0501P.TCT Datasheet HTML 3Page - Semtech Corporation UCLAMP0501P.TCT Datasheet HTML 4Page - Semtech Corporation UCLAMP0501P.TCT Datasheet HTML 5Page - Semtech Corporation UCLAMP0501P.TCT Datasheet HTML 6Page - Semtech Corporation UCLAMP0501P.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
 2007 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0501P
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
10
20
30
40
50
60
70
80
90
100
110
0
255075
100
125
150
Ambient Temperature - TA (
oC)
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
Forward Voltage vs. Forward Current
Normalized Junction Capacitance vs. Reverse Voltage
ESD Clamping
(8kV Contact per IEC 61000-4-2)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
Forward Current - IF (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (us)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0
12345
Reverse Voltage - VR (V)
f = 1 MHz
Note: Data is taken with a 10x attenuator


Similar Part No. - UCLAMP0501P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501H.TCT SEMTECH-UCLAMP0501H.TCT Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501T SEMTECH-UCLAMP0501T Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP0501T.TCT SEMTECH-UCLAMP0501T.TCT Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP0501Z SEMTECH-UCLAMP0501Z Datasheet
484Kb / 6P
   1-Line, 5V ESD Protection
More results

Similar Description - UCLAMP0501P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
   關ClampTM 1-Line ESD Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0511P SEMTECH-UCLAMP0511P Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1211P SEMTECH-UCLAMP1211P Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0511T SEMTECH-UCLAMP0511T Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
logo
Samtec, Inc
UCLAMP0511T.TCT SAMTEC-UCLAMP0511T.TCT Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
logo
Semtech Corporation
UCLAMP0501T SEMTECH-UCLAMP0501T Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP2401T SEMTECH-UCLAMP2401T Datasheet
178Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP1211T SEMTECH-UCLAMP1211T Datasheet
158Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com