Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR70 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SR70
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SR70 Datasheet(HTML) 3 Page - Semtech Corporation

  SR70 Datasheet HTML 1Page - Semtech Corporation SR70 Datasheet HTML 2Page - Semtech Corporation SR70 Datasheet HTML 3Page - Semtech Corporation SR70 Datasheet HTML 4Page - Semtech Corporation SR70 Datasheet HTML 5Page - Semtech Corporation SR70 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
 2003 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SR70
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (
µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs
Pulse Waveform
Forward Voltage vs. Forward Current
Capacitance vs. Reverse Voltage
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Forward Current - IF (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
-16
-14
-12
-10
-8
-6
-4
-2
0
01
234
5
6
Reverse Voltage - VR (V)
I/O to GND
f = 1MHz
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)


Similar Part No. - SR70

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70 Datasheet
207Kb / 3P
   STEERING DIODE ARRAY
SR70 PROTEC-SR70 Datasheet
75Kb / 3P
   STEERING DIODE ARRAY
SR70 PROTEC-SR70 Datasheet
407Kb / 5P
   ultra low capacitance steering diode array
logo
Micro Commercial Compon...
SR70 MCC-SR70 Datasheet
301Kb / 4P
   70 Volts ESD Protector
logo
Shanghai Leiditech Elec...
SR70 LEIDITECH-SR70 Datasheet
150Kb / 3P
   USB 2.0 power and data line
More results

Similar Description - SR70

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com