Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR12.TCT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SR12.TCT
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SR12.TCT Datasheet(HTML) 8 Page - Semtech Corporation

  SR12.TCT Datasheet HTML 1Page - Semtech Corporation SR12.TCT Datasheet HTML 2Page - Semtech Corporation SR12.TCT Datasheet HTML 3Page - Semtech Corporation SR12.TCT Datasheet HTML 4Page - Semtech Corporation SR12.TCT Datasheet HTML 5Page - Semtech Corporation SR12.TCT Datasheet HTML 6Page - Semtech Corporation SR12.TCT Datasheet HTML 7Page - Semtech Corporation SR12.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SR12
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
h
s
i
n
i
F
d
a
e
L
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
C
T
.
2
1
R
Sb
P
n
S0
0
0
,
3h
c
n
I
7
T
C
T
.
2
1
R
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
Marking Codes
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
2
1
R
S2
1
R


Similar Part No. - SR12.TCT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
SR12 PROTEC-SR12 Datasheet
648Kb / 8P
   500 WATT low capacitance steering diode/TVS array
logo
Yea Shin Technology Co....
SR12 YEASHIN-SR12 Datasheet
475Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SR12 CITC-SR12 Datasheet
150Kb / 3P
   1A Leaded Type Schottky Barrier Rectifiers
More results

Similar Description - SR12.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com