Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF3.3.TCT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SMF3.3.TCT
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF3.3.TCT Datasheet(HTML) 7 Page - Semtech Corporation

  SMF3.3.TCT Datasheet HTML 1Page - Semtech Corporation SMF3.3.TCT Datasheet HTML 2Page - Semtech Corporation SMF3.3.TCT Datasheet HTML 3Page - Semtech Corporation SMF3.3.TCT Datasheet HTML 4Page - Semtech Corporation SMF3.3.TCT Datasheet HTML 5Page - Semtech Corporation SMF3.3.TCT Datasheet HTML 6Page - Semtech Corporation SMF3.3.TCT Datasheet HTML 7Page - Semtech Corporation SMF3.3.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
 2008 Semtech Corp.
www.semtech.com
SMF3.3
PROTECTION PRODUCTS
Outline Drawing - SC-70 5L
Land Pattern - SC-70 5L
ccc C
2X N/2 TIPS
2X E/2
12
N
EI
SEATING
aaa C
bbb
C A-B D
A
bxN
A2
A1
D
A
e1
D
B
e
C
PLANE
DETAIL
L
(L1)
01
0.15
PLANE
GAGE
c
H
A
SEE DETAIL
A
SIDE VIEW
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
REFERENCE JEDEC STD MO-203, VARIATION AA.
4.
.083 BSC
.026 BSC
5
.004
.045
.079
.049
.083
.006
-
5
0.10
1.25
2.10
2.10 BSC
0.65 BSC
.053 1.15
2.00
.012 0.15
1.35
0.30
-
1.90
.075
.012
-
.004
.010
.003
(.017)
.014
-
.028
.000
-
-
-
.035
0.10
0.30
-
0.90
(0.42)
0.36
.018
.009
0.26
0.08
.043
.039
.004 0.00
0.70
-
0.22
0.46
-
0.10
1.10
1.00
-
-
1.30 BSC
.051
DIM
bbb
ccc
e
L1
aaa
01
N
e1
L
c
E1
E
D
A2
A1
b
A
MILLIMETERS
NOM
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
E
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
Z
.033
.106
.039
(.073)
.026
.016
1.00
(1.85)
0.65
0.40
0.85
2.70
X
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
C
P
G
Y


Similar Part No. - SMF3.3.TCT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMF3.3 LITTELFUSE-SMF3.3 Datasheet
995Kb / 4P
   Surface Mount ??200W > SMF3.3 Series
SMF3.3 LITTELFUSE-SMF3.3 Datasheet
995Kb / 4P
   SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
   200W Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SMF3.3A LEIDITECH-SMF3.3A Datasheet
554Kb / 3P
   Glass passivated chip Very fast response time
logo
Shenzhen Luguang Electr...
SMF3.3A LUGUANG-SMF3.3A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
Revision:20220701-P1
More results

Similar Description - SMF3.3.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS3.3 SEMTECH-SMS3.3 Datasheet
158Kb / 7P
   3.3 Volt TVS Array For ESD and Latch-Up Protection
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
   TVS Array For ESD and Latch Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Applied Power Microelec...
SLVU2.8 APMICRO-SLVU2.8 Datasheet
535Kb / 4P
   2.8V TVS Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com