Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA05C-5 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SMDA05C-5
Description  Bidirectional TVS Array for Protection of Five Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA05C-5 Datasheet(HTML) 5 Page - Semtech Corporation

  SMDA05C-5_06 Datasheet HTML 1Page - Semtech Corporation SMDA05C-5_06 Datasheet HTML 2Page - Semtech Corporation SMDA05C-5_06 Datasheet HTML 3Page - Semtech Corporation SMDA05C-5_06 Datasheet HTML 4Page - Semtech Corporation SMDA05C-5_06 Datasheet HTML 5Page - Semtech Corporation SMDA05C-5_06 Datasheet HTML 6Page - Semtech Corporation SMDA05C-5_06 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMDA05C-5 THRU SMDA24C-5
Circuit Diagram
Connection Diagram
Device Connection for Protection of Five Data Lines
The SMDAxxC-5 is designed to protect up to 5 data or
I/O lines. They are bidirectional devices and may be
used on lines where the signal polarities are above and
below ground.
The SMDAxxC-5 TVS arrays employ a monolithic struc-
ture. Therefore, the working voltage (V
RWM) and break-
down voltage (V
BR) specifications apply to the differen-
tial voltage between any two data line pins. For ex-
ample, the SMDA24C-5 is designed for a maximum
voltage excursion of ±12V between any two data lines.
The device is connected as follows:
Pins 1, 2, 3, 4, and 5 are connected to the lines
that are to be protected. Pin 8 is connected to
ground. The ground connections should be made
directly to the ground plane for best results. The
path length is kept as short as possible to reduce
the effects of parasitic inductance in the board
traces. Pins 6 and 7 are not connected.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
Minimize the path length between the TVS and the
protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish
is composed of 100% tin solder with large grains.
Since the solder volume on the leads is small com-
pared to the solder paste volume that is placed on the
land pattern of the PCB, the reflow profile will be
determined by the requirements of the solder paste.
Therefore, these devices are compatible with both
123
4
5
6
7
8
DATA IN
DATA OUT
DATA IN
DATA OUT
Applications Information
lead-free and SnPb assembly techniques. In addition,
unlike other lead-free compositions, matte tin does not
have any added alloys that can cause degradation of
the solder joint.


Similar Part No. - SMDA05C-5_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05C-5TB SEMTECH-SMDA05C-5TB Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
SMDA05C-5TE SEMTECH-SMDA05C-5TE Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
More results

Similar Description - SMDA05C-5_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05C-8 SEMTECH-SMDA05C-8_05 Datasheet
165Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines
SMDA05C-7 SEMTECH-SMDA05C-7 Datasheet
165Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines????
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com