Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA05-6.TBT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SMDA05-6.TBT
Description  Unidirectional TVS Array for Protection of Six Lines
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA05-6.TBT Datasheet(HTML) 6 Page - Semtech Corporation

  SMDA05-6.TBT Datasheet HTML 1Page - Semtech Corporation SMDA05-6.TBT Datasheet HTML 2Page - Semtech Corporation SMDA05-6.TBT Datasheet HTML 3Page - Semtech Corporation SMDA05-6.TBT Datasheet HTML 4Page - Semtech Corporation SMDA05-6.TBT Datasheet HTML 5Page - Semtech Corporation SMDA05-6.TBT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
 2006 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SMDA05-6
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
r
e
b
m
u
N
t
r
a
Ph
s
i
n
i
F
d
a
e
Ll
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
B
T
.
6
-
5
0
A
D
M
Sb
P
n
S0
0
5h
c
n
i
7
T
B
T
.
6
-
5
0
A
D
M
Se
e
r
F
b
P0
0
5h
c
n
i
7
6
-
5
0
A
D
M
Sb
P
n
Se
b
u
T
/
5
9A
/
N
T
.
6
-
5
0
A
D
M
Se
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
Note: Lead-free devices are RoHS/WEEE Compliant


Similar Part No. - SMDA05-6.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
logo
Micro Commercial Compon...
SMDA05-6 MCC-SMDA05-6 Datasheet
131Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA05-6 MICROSEMI-SMDA05-6 Datasheet
94Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA05-6 PROTEC-SMDA05-6 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
SMDA05-6 PROTEC-SMDA05-6 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SMDA05-6.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
logo
Shanghai Leiditech Elec...
SMDA24-6 LEIDITECH-SMDA24-6_V01 Datasheet
256Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
SMDA24-6 LEIDITECH-SMDA24-6 Datasheet
197Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
SMDA05-6 LEIDITECH-SMDA05-6 Datasheet
256Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
SMDA12-6 LEIDITECH-SMDA12-6 Datasheet
256Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
SMDA15-6 LEIDITECH-SMDA15-6 Datasheet
256Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
logo
Semtech Corporation
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com