Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1209C012TRLF Datasheet(PDF) 3 Page - Semtech Corporation

Part # XE1209C012TRLF
Description  Ultra Low Power CMOS Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1209C012TRLF Datasheet(HTML) 3 Page - Semtech Corporation

  XE1209C012TRLF Datasheet HTML 1Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 2Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 3Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 4Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 5Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 6Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 7Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 8Page - Semtech Corporation XE1209C012TRLF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© Semtech 2005
www.semtech.com
3
XE1209
Ultra Low Power CMOS Transceiver
Transmitter
The transmitter performs the modulation of an input bit-stream. The main parts of this block are a DDS (Direct
Digital Synthesizer), generating a digital signal with a modulated period, and a power amplifier generating a square-
wave output current controlled by the output of the DDS.
Carrier detector
The function of this block is to detect the presence of a signal at the carrier frequency fc.
Clock generator
The clock generator is composed of a quartz oscillator generating the reference signal at 32.768 kHz, and a PLL
(Phase Locked Loop), whose function is to deliver a signal at a frequency which is a multiple of the oscillator
output; the multiplying factor is programmable on two values.
Service block
This block provides the whole circuit with the required voltage references and current sources.
Digital part
The digital part has two main functions:
implement the 3-wire interface for the communication with the external microcontroller.
generate all the internal signals according to the selected mode of operation and the content of the configuration
register
The product has four operating modes:
a standby mode (M1), where all the blocks are powered off (in this mode, the oscillator can be either on or off
according to the value of a bit (called OSC) stored in the configuration register),
a carrier detector mode (M2), where only the carrier detector is active,
a transmitter mode (M3), where the transmitter is powered on,
A receiver mode (M4), where the receiver is powered on.


Similar Part No. - XE1209C012TRLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1209 ETC-XE1209 Datasheet
119Kb / 8P
   30-70 KHZ ULTRA LOW POWER CMOS TRANSCEIVER
More results

Similar Description - XE1209C012TRLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1209 ETC-XE1209 Datasheet
119Kb / 8P
   30-70 KHZ ULTRA LOW POWER CMOS TRANSCEIVER
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
   Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
logo
Golledge Electronics Lt...
MCSO2EU GOLLEDGE-MCSO2EU Datasheet
136Kb / 1P
   CMOS Oscillator Ultra-low Power
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
   3.3V Ultra-Low Power RS485 Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com