Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD05C Datasheet(PDF) 5 Page - Semtech Corporation

Part # SD05C
Description  Single Line TVS Diode for ESD Protection in Portable Electronics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD05C Datasheet(HTML) 5 Page - Semtech Corporation

  SD05C_04 Datasheet HTML 1Page - Semtech Corporation SD05C_04 Datasheet HTML 2Page - Semtech Corporation SD05C_04 Datasheet HTML 3Page - Semtech Corporation SD05C_04 Datasheet HTML 4Page - Semtech Corporation SD05C_04 Datasheet HTML 5Page - Semtech Corporation SD05C_04 Datasheet HTML 6Page - Semtech Corporation SD05C_04 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2004 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SD05C through SD24C
Device Connection Options
The SDxxC TVS diodes are designed to protect one
data, I/O, or power supply line. The device is designed
to replace multi-layer varistors (MLVs) in portable
applications. It is easily implemented on existing 0805
MLV pads and is only slightly larger than 0603 MLV
pads. The device is bidirectional and may be used on
lines where the signal polarity is above and below
ground. The device is symmetrical, so there is no
cathode band.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD. The following
guidelines are recommended (Refer to application note
SI99-01 for more detailed information):
Place the TVS near the input terminals or
connectors to restrict transient coupling.
Minimize the path length between the TVS and
the protected line.
The ESD transient return path to ground should
be kept as short as possible.
Place a TVS and decoupling capacitor between
power and ground of components that may be
vulnerable to electrostatic discharges to the
ground plane.
Minimize all conductive loops including power
and ground loops.
Use multilayer boards when possible.
Minimize interconnecting line lengths
Never run critical signals near board edges.
Fill unused portions of the PCB with ground
plane.
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish
is composed of 100% tin solder with large grains.
Since the solder volume on the leads is small com-
pared to the solder paste volume that is placed on the
land pattern of the PCB, the reflow profile will be
determined by the requirements of the solder paste.
Therefore, these devices are compatible with both
lead-free and SnPb assembly techniques. In addition,
unlike other lead-free compositions, matte tin does not
have any added alloys that can cause degradation of
the solder joint.
Device Schematic and Pin Configuration
Size Comparison to 0805 MLV
SOD-323
0805 MLV
Note: Nominal dimensions in inches
Component Placement Comparison
0805 MLV on
SOD-323 on 0805
MLV Pad
SOD-323 on Recommended
(SOD-323) Solder Pad
0805 Solder Pad
Applications Information


Similar Part No. - SD05C_04

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05C-01FTG LITTELFUSE-SD05C-01FTG Datasheet
702Kb / 4P
   450W Discrete Bidirectional TVS Diode
SD05C-01FTG LITTELFUSE-SD05C-01FTG Datasheet
1,015Kb / 7P
   SD-C Series 450W Discrete Bidirectional TVS Diode
logo
TECH PUBLIC Electronics...
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
   1-Line Bl-directional TVS Diode
More results

Similar Description - SD05C_04

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com