Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN920D-B513TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # VN920D-B513TR
Description  HIGH SIDE DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920D-B513TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VN920D-B513TR Datasheet HTML 11Page - STMicroelectronics VN920D-B513TR Datasheet HTML 12Page - STMicroelectronics VN920D-B513TR Datasheet HTML 13Page - STMicroelectronics VN920D-B513TR Datasheet HTML 14Page - STMicroelectronics VN920D-B513TR Datasheet HTML 15Page - STMicroelectronics VN920D-B513TR Datasheet HTML 16Page - STMicroelectronics VN920D-B513TR Datasheet HTML 17Page - STMicroelectronics VN920D-B513TR Datasheet HTML 18Page - STMicroelectronics VN920D-B513TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15/22
VN920D-B5 / VN920DSO
SO-16L PC Board
Rthj-amb Vs. PCB copper area in open box free air condition
SO-16L THERMAL DATA
Layout condition of Rth and Zth measurements (PCB FR4 area= 41mm x 48mm, PCB thickness=2mm,
Cu thickness=35
µm, Copper areas: 0.5cm2, 6cm2).
40
45
50
55
60
65
70
0123
4567
PCB Cu heatsink area (cm^2)
RTH j-amb (°C/W)


Similar Part No. - VN920D-B513TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
331Kb / 22P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5_04 Datasheet
331Kb / 22P
   HIGH SIDE DRIVER
More results

Similar Description - VN920D-B513TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com