Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1062 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2SD1062
Description  POWER TRANSISTORS(12A,50V,40W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SD1062 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2SD1062 Datasheet HTML 1Page - Mospec Semiconductor 2SD1062 Datasheet HTML 2Page - Mospec Semiconductor 2SD1062 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - 2SD1062

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1062 SANYO-2SD1062 Datasheet
98Kb / 3P
   50V/12A Switching Applications
logo
Savantic, Inc.
2SD1062 SAVANTIC-2SD1062 Datasheet
149Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1062 JMNIC-2SD1062 Datasheet
60Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1062 ISC-2SD1062 Datasheet
179Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1062 SAVANTIC-2SD1062 Datasheet
150Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1062

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB826 MOSPEC-2SB826 Datasheet
121Kb / 3P
   POWER TRANSISTORS(12A,50V,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
   POWER TRANSISTORS(7A,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
   POWER TRANSISTORS(7A,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
   POWER TRANSISTORS(7A,40W)
2SB703 MOSPEC-2SB703 Datasheet
174Kb / 4P
   POWER TRANSISTORS(4.0A,40W)
logo
Sanyo Semicon Device
SB120-05R SANYO-SB120-05R Datasheet
81Kb / 3P
   50V, 12A Rectifier
logo
Mospec Semiconductor
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
2N6050 MOSPEC-2N6050 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
2SC2979 MOSPEC-2SC2979 Datasheet
135Kb / 3P
   POWER TRANSISTORS(3A,800V,40W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com