Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X700.1112A5 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # X700.1112A5
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

X700.1112A5 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  X700.1112A5 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG X700.1112A5 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG X700.1112A5 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG X700.1112A5 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - bus interfaces
1
www.baumerivo.com
www.baumerivo.com
X 700 with CANopen
Features
Encoder multiturn / CANopen / ATEX
Optical sensing
Resolution: singleturn 13 bit, multiturn 16 bit
Clamping flange / shaft ø10 mm
Explosion protection per EEx d IIC T6
Area of application: EX I/II 2 GD / ATEX 133213X
Device class 2 / zone 1 (gas), zone 21 (dust)
Galvanic isolation
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤50 mA (24 VDC)
Initializing time (typ.)
250 ms after power on
Interface
CANopen
Transmission rate
10...1000 kBaud
Operating mode
Event-triggered / Time-triggered
Remotely-requested
Sync (cyclic) / Sync (acyclic)
Identifier
11 bit
Steps per turn
8192 / 13 bit
Number of turns
65536 / 16 bit
Absolute accuracy
±0.025°
Sensing method
Optical
Code
Binary
Code sequence
CW/CCW programmable
Output circuit
CAN bus standard ISO / DIS
11898
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Programmable
parameters
Operating modes
Total resolution
Scaling
Rotation speed monitoring
Diagnostic functions
Position or parameter error
Multiturn sensing
Approval
UL approval / E301461
X 700 - CANopen
Technical data - mechanical design
Housing
ø70 mm
Shaft
ø10 mm (clamping flange)
Flange
Clamping flange
Protection DIN EN 60529 IP 67
Operating speed
≤6000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.4 Nm
Admitted shaft load
≤60 N axial
≤50 N radial
Materials
Housing: stainless steel
Flange: stainless steel
Operating temperature
-25...+60 °C
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
1300 g
E-connection
Cable 2 m (other length upon
request)
EX approval ATEX EEx d IIC T6
Multiturn encoder 13 bit ST / 16 bit MT


Similar Part No. - X700.1112A5

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.113206 IVO-X700.113206 Datasheet
415Kb / 2P
   Incremental encoders
X700.113209 IVO-X700.113209 Datasheet
415Kb / 2P
   Incremental encoders
X700.113213 IVO-X700.113213 Datasheet
415Kb / 2P
   Incremental encoders
X700.113214 IVO-X700.113214 Datasheet
415Kb / 2P
   Incremental encoders
X700.113215 IVO-X700.113215 Datasheet
415Kb / 2P
   Incremental encoders
More results

Similar Description - X700.1112A5

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com