Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE215.111AX07 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # NE215.111AX07
Description  Preset counters electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE215.111AX07 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  NE215.111AX07 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE215.111AX07 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG NE215.111AX07 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG NE215.111AX07 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Preset counters electronic
www.baumerivo.com
2
NE215
2 presets, meter counters PTB approved
Display LED, 8-digits, programmable
Optocoupler inputs
Input circuit
Control inputs
PNP- / NPN-logic
Count input
Trigger current
9...16 mA
Switch-off current
<0.5 mA
Input resistance
1.65 kΩ
Reset input
Trigger current
5...8 mA
Switch-off current
<0.5 mA
Input resistance
3.3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Electronical outputs
Output circuit
PNP-switching transistor Open collector
Switching voltage
24 VDC ±20 %
Switching current max.
10 mA (AC)
50 mA (DC)
NPN-switching transistor Open collector
Switching voltage max.
35 V
Switching current max.
50 mA
Trigger level
Voltage
supply
Count
A
B
XP-reset
Scaling on
B1-counter
B1-reset
Coding for
input logic
NPN Br. 18-20
PNP Br. 18-19
TxD
RxD
GND
A 90° B
Totalizer
Main counter with
2 presets
and scaling factor
Batch counter as
preselection counter
or tachometer with
1 preset
multiplier
Operating time meter
Interface
RS232
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
23
25
26
11
P2
Output
B1
Sensor
supply
+
-
P1
T,R-
T,R+
Interface
RS485
21
22
+
-
Block circuit diagram
max. 265 V
terminal - terminal
- terminal
Output
B1
P2
P1
BA
Count
+24V 0V
22
21
20
19
18
17
16
15
14
13
12
11
10
98
76
54
32
1
RS485
RS232
26 25
24
23
Connection diagram


Similar Part No. - NE215.111AX07

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.011AXA1 IVO-NE210.011AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.012AXA1 IVO-NE210.012AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.013AXA1 IVO-NE210.013AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.021AXA1 IVO-NE210.021AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
More results

Similar Description - NE215.111AX07

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE213 IVO-NE213 Datasheet
559Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com