Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN920-B5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VN920-B5
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920-B5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VN920-B5 Datasheet HTML 10Page - STMicroelectronics VN920-B5 Datasheet HTML 11Page - STMicroelectronics VN920-B5 Datasheet HTML 12Page - STMicroelectronics VN920-B5 Datasheet HTML 13Page - STMicroelectronics VN920-B5 Datasheet HTML 14Page - STMicroelectronics VN920-B5 Datasheet HTML 15Page - STMicroelectronics VN920-B5 Datasheet HTML 16Page - STMicroelectronics VN920-B5 Datasheet HTML 17Page - STMicroelectronics VN920-B5 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14/25
VN920 / VN920-B5 / VN920SO
P2PAK PC Board
Rthj-amb Vs PCB copper area in open box free air condition
P2PAK THERMAL DATA
Layout condition of Rth and Zth measurements (PCB FR4 area= 60mm x 60mm, PCB thickness=2mm,
Cu thickness=35
µm, Copper areas: 0.97cm2, 8cm2).
30
35
40
45
50
55
02
4
6
8
10
PCB Cu heatsink area (cm^2)
RTHj_amb (°C/W)
Tj-Tamb=50°C


Similar Part No. - VN920-B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920-B5H STMICROELECTRONICS-VN920-B5H Datasheet
1Mb / 26P
   Single-channel high-side solid state relay
September 2013 Rev 3
VN920-B5H13TR STMICROELECTRONICS-VN920-B5H13TR Datasheet
1Mb / 26P
   Single-channel high-side solid state relay
September 2013 Rev 3
More results

Similar Description - VN920-B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN920-B5H STMICROELECTRONICS-VN920-B5H Datasheet
1Mb / 26P
   Single-channel high-side solid state relay
September 2013 Rev 3
VN920PEP STMICROELECTRONICS-VN920PEP Datasheet
181Kb / 10P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN920SOTR-E STMICROELECTRONICS-VN920SOTR-E Datasheet
499Kb / 23P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
   SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
   SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
VN460SP STMICROELECTRONICS-VN460SP Datasheet
76Kb / 9P
   SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
VND600SP STMICROELECTRONICS-VND600SP Datasheet
195Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com