Electronic Components Datasheet Search |
|
NE215 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
NE215 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 4 page www.baumerivo.com www.baumerivo.com Preset counters electronic www.baumerivo.com 2 NE215 2 presets, meter counters PTB approved Display LED, 8-digits, programmable Optocoupler inputs Input circuit Control inputs PNP- / NPN-logic Count input Trigger current 9...16 mA Switch-off current <0.5 mA Input resistance 1.65 kΩ Reset input Trigger current 5...8 mA Switch-off current <0.5 mA Input resistance 3.3 kΩ Relay outputs Output circuit Switching voltage max. 250 VAC / 110 VDC Switching current max. 1 A Switching capacity max. 150 VA / 30 W Relay responding time 5 ms Electronical outputs Output circuit PNP-switching transistor Open collector Switching voltage 24 VDC ±20 % Switching current max. 10 mA (AC) 50 mA (DC) NPN-switching transistor Open collector Switching voltage max. 35 V Switching current max. 50 mA Trigger level Voltage supply Count A B XP-reset Scaling on B1-counter B1-reset Coding for input logic NPN Br. 18-20 PNP Br. 18-19 TxD RxD GND A 90° B Totalizer Main counter with 2 presets and scaling factor Batch counter as preselection counter or tachometer with 1 preset multiplier Operating time meter Interface RS232 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 23 25 26 11 P2 Output B1 Sensor supply + - P1 T,R- T,R+ Interface RS485 21 22 + - Block circuit diagram max. 265 V terminal - terminal - terminal Output B1 P2 P1 BA Count +24V 0V 22 21 20 19 18 17 16 15 14 13 12 11 10 98 76 54 32 1 RS485 RS232 26 25 24 23 Connection diagram |
Similar Part No. - NE215 |
|
Similar Description - NE215 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |