Electronic Components Datasheet Search |
|
N155 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
N155 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 4 page www.baumerivo.com www.baumerivo.com Target Displays www.baumerivo.com 2 N 155 Part number N 155. 1 3 B X01 Display B Horizontal at front Voltage supply 3 24 VDC E-connection 0 Connector output M8 with male and female connector 1 Bottom cable output M8 2 Rear cable output M8 3 Bottom cable output M16 Interface 1 RS485 Plug-on mount, enter key, manual format alignment Display LCD two lines, interface RS485 Accessories Connectors and cables (page %S) Z 178.A01 Adaptor cable between cable connector M8 and female M16, 1 m Z 178.AW1 Cable connector M8, 4-pin, less cable with integrated terminating resistor 120 Ω Z 178.B01 Mating connector M8, 4-pin, less cable Z 178.D05 Data and supply cable M8, Master to N 150 and N 155, 5 m Z 178.S01 Cable connector M8, 4-pin, less cable Z 178.V01 Coupling cable 1 m between M8 and M8 The multicon spindle positioning system is completed by a target display indicating also positions of hand wheels, limits, linear units etc in close vicinity of the actuator. The backlit LCD display provides the editing engineer with the target parameters. The handshake key is saving the edited parameters. Serial interface RS485 enables network of maximum 32 target and spindle position displays with PC or PLC. For complete solutions also memory controllers as decen- tralized operating and memory terminals are available. Description |
Similar Part No. - N155 |
|
Similar Description - N155 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |