Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISI33.011AA01 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # ISI33.011AA01
Description  Totalizers electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ISI33.011AA01 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  ISI33.011AA01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ISI33.011AA01 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG ISI33.011AA01 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ISI33.011AA01 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers electronic
www.baumerivo.com
4
Dimensions
53
1
4
56
4
1
Front frame for screw/clip mount (included with delivery)
3
48
2.8
47.7
19.3
ISI30, ISI31, ISI32, ISI33
ISI30, ISI31, ISI32, ISI33
Small impulse counters and position displays
Display LCD, 8-digits
Inputs
Input circuit
NPN inputs
Comparator (pin 1+2)
Input level Low
0...0.7 VDC
Input level High
3...30 VDC
Input resistance
1 MΩ
PNP inputs
Comparator (pin 1+2)
Input level Low
0...0.7 VDC
Input level High
4...30 VDC
Input resistance
100 kΩ
Inputs
Input circuit
AC/DC inputs
Optocoupler (pin 1+3)
Input level Low
0...2 VDC/VAC
Input level High
10...260 VDC/VAC
Input resistance
160 kΩ
NPN control inputs
Pin 4, 5
Input level Low
0...0.7 VDC
Input level High
3...5 VDC
Input resistance
2.2 MΩ
Trigger level


Similar Part No. - ISI33.011AA01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ISI34 IVO-ISI34 Datasheet
580Kb / 4P
   Time and hours meters electronic
ISI34.010AA01 IVO-ISI34.010AA01 Datasheet
580Kb / 4P
   Time and hours meters electronic
ISI34.010AB01 IVO-ISI34.010AB01 Datasheet
580Kb / 4P
   Time and hours meters electronic
ISI34.011AA01 IVO-ISI34.011AA01 Datasheet
580Kb / 4P
   Time and hours meters electronic
ISI34.011AB01 IVO-ISI34.011AB01 Datasheet
580Kb / 4P
   Time and hours meters electronic
More results

Similar Description - ISI33.011AA01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
N214 IVO-N214 Datasheet
456Kb / 2P
   Totalizers electronic
N208 IVO-N208 Datasheet
395Kb / 2P
   Totalizers electronic
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
F102 IVO-F102 Datasheet
551Kb / 4P
   Totalizers electromechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
F304 IVO-F304 Datasheet
571Kb / 4P
   Totalizers electromechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
FD270 IVO-FD270 Datasheet
376Kb / 2P
   Totalizers electromechanic
M410A IVO-M410A Datasheet
309Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com