Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISI36 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # ISI36
Description  Tachometer electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ISI36 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  ISI36 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ISI36 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG ISI36 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ISI36 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Tachometer electronic
3
www.baumerivo.com
www.baumerivo.com
ISI36
Small tachometers and frequency displays
Display LCD, 8-digits
Part number
ISI36.01
A
01
Display
A Not backlit
B Backlit
Design
0 NPN 7 kHz, contact 30 Hz
1 PNP 12 kHz, contact 30 Hz
DC, NPN
DC, PNP
(-) Backlit
(+) Backlit
INP A
INP B
n.c.
n.c.
GND
24 VDC ±20 %,
50 mA
n.c.
1
2
3
4
5
6
7
8
(-) Backlit
(+) Backlit
GND
24 VDC ±20 %,
50 mA
1
2
3
4
5
6
7
8
INP A
INP B
n.c.
n.c.
n.c.
approx. 30 VDC
approx. 30 VDC
Connection diagram


Similar Part No. - ISI36

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ISI30 IVO-ISI30 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.010AA01 IVO-ISI30.010AA01 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.010AB01 IVO-ISI30.010AB01 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.012AA01 IVO-ISI30.012AA01 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.012AB01 IVO-ISI30.012AB01 Datasheet
613Kb / 4P
   Totalizers electronic
More results

Similar Description - ISI36

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com