Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISI34 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # ISI34
Description  Time and hours meters electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ISI34 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  ISI34 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ISI34 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG ISI34 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ISI34 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Time and hours meters electronic
www.baumerivo.com
4
Dimensions
53
1
4
56
4
1
Front frame for screw/clip mount (included with delivery)
48
3
2.8
47.7
19.3
ISI34, ISI35
ISI34, ISI35
Count input for PNP, NPN or AC logic
Display LCD, 8-digits, coded time range
Input
Input circuit
NPN input
Comparator (pin 2)
Input level Low
0...0.7 VDC
Input level High
3...30 VDC
Input resistance
1 MΩ
PNP input
Comparator (pin 2)
Input level Low
0...0.7 VDC
Input level High
4...30 VDC
Input resistance
100 kΩ
AC/DC inputs
Optocoupler (pin 1 + 3)
Input level Low
0...2 VAC/VDC
Input level High
10...260 VAC/VDC
Input resistance
160 kΩ
Min. pulse time
16 ms
Reset input for DC-Version
NPN reset input
Pin 3
Input level Low
0...0.7 VDC
Input level High
3...30 VDC
Input resistance
2,2 MΩ
Min. pulse time
50 ms
NPN control inputs
Pin 4 + 5
Input level Low
0...0.7 VDC
Input level High
3...5 VDC
Input resistance
2.2 MΩ
Trigger level


Similar Part No. - ISI34

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ISI30 IVO-ISI30 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.010AA01 IVO-ISI30.010AA01 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.010AB01 IVO-ISI30.010AB01 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.012AA01 IVO-ISI30.012AA01 Datasheet
613Kb / 4P
   Totalizers electronic
ISI30.012AB01 IVO-ISI30.012AB01 Datasheet
613Kb / 4P
   Totalizers electronic
More results

Similar Description - ISI34

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
BE134 IVO-BE134 Datasheet
427Kb / 2P
   Time and hours meters electronic
B160 IVO-B160 Datasheet
347Kb / 2P
   Time and hours meters electromechanic
B148 IVO-B148 Datasheet
335Kb / 2P
   Time and hours meters electromechanic
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
   Hours and Minutes Setting
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Amphenol Wilcoxon Sensi...
PCD100 WILCOXON-PCD100 Datasheet
419Kb / 4P
   Process and temperature meters
Rev.A 08/20
logo
Shenzhen Huazhimei Semi...
HM1302 HMSEMI-HM1302 Datasheet
3Mb / 10P
   real time counting seconds, minutes, hours, day of the month
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
   16 standard time ranges from 5 seconds to 60 hours
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com