Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5128TBI-00 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5128TBI-00
Description  32-Tap Digital Up/Down Control Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5128TBI-00 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5128TBI-00 Datasheet HTML 1Page - ON Semiconductor CAT5128TBI-00 Datasheet HTML 2Page - ON Semiconductor CAT5128TBI-00 Datasheet HTML 3Page - ON Semiconductor CAT5128TBI-00 Datasheet HTML 4Page - ON Semiconductor CAT5128TBI-00 Datasheet HTML 5Page - ON Semiconductor CAT5128TBI-00 Datasheet HTML 6Page - ON Semiconductor CAT5128TBI-00 Datasheet HTML 7Page - ON Semiconductor CAT5128TBI-00 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAT5128
Doc. No. MD-2128 Rev. B
4
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
LOGIC INPUTS
VCC = +2.5V to +5.5V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
10
µA
IIL
Input Leakage Current
VIN = 0V
-10
µA
VIH1
TTL High Level Input Voltage
2
VCC
V
VIL1
TTL Low Level Input Voltage
4.5V ≤ VCC ≤ 5.5V
0
0.8
V
VIH2
CMOS High Level Input Voltage
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
2.5V ≤ VCC ≤ 5.5V
-0.3
VCC x 0.2
V
POTENTIOMETER CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
(1)
Max
Units
-10 Device
10
-50 Device
50
RPOT
Potentiometer Resistance
-00 Device
100
kΩ
Pot. Resistance Tolerance
±20
%
VA
Voltage on A pin
0
VCC
V
VB
Voltage on B pin
0
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
IW ≤ 2µA
-0.5
0.1
0.5
LSB
DNL
Differential Linearity Error
IW ≤ 2µA
-0.5
0.05
0.5
LSB
VCC = 5V, IW = 1mA
70
RWI
Wiper Resistance
VCC = 2.5V, IW = 1mA
150
300
IW
Wiper Current
(2)
1
mA
TCRPOT
TC of Pot Resistance
(3)
50
ppm/ºC
TCRATIO
Ratiometric TC
(3)
5
20
ppm/ºC
VN
(3)
Noise
100kHz / 1kHz
8/24
nV/√Hz
CA/CB/CW
Potentiometer Capacitances (3)
8/8/25
pF
fc (3)
Frequency Response
Passive Attenuator, 10kΩ
1.7
MHz
Notes:
(1) Typical values are for TA = 25ºC and nominal supply voltage.
(2) IW = source or sink.
(3) These parameters are periodically sampled and are not production tested.


Similar Part No. - CAT5128TBI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5128TBI-00 CATALYST-CAT5128TBI-00 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128TBI-00GT3 ONSEMI-CAT5128TBI-00GT3 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
More results

Similar Description - CAT5128TBI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ50 AD-AD5228BUJZ50 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com