Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5128TBI-50 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5128TBI-50
Description  32-Tap Digital Up/Down Control Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5128TBI-50 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5128TBI-50 Datasheet HTML 1Page - ON Semiconductor CAT5128TBI-50 Datasheet HTML 2Page - ON Semiconductor CAT5128TBI-50 Datasheet HTML 3Page - ON Semiconductor CAT5128TBI-50 Datasheet HTML 4Page - ON Semiconductor CAT5128TBI-50 Datasheet HTML 5Page - ON Semiconductor CAT5128TBI-50 Datasheet HTML 6Page - ON Semiconductor CAT5128TBI-50 Datasheet HTML 7Page - ON Semiconductor CAT5128TBI-50 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CAT5128
© 2008 SCILLC. All rights reserved.
5
Doc. No. MD-2128 Rev. B
Characteristics subject to change without notice
AC CONDITIONS OF TEST
VCC Range
2.5V ≤ VCC ≤ 5.5V
Input Pulse Levels
0.2VCC to 0.7VCC
Input Rise and Fall Times
10ns
Input Reference Levels
0.5VCC
AC OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V, VH = VCC, VL = 0V, unless othewise specified
Symbol
Parameter
Min
Typ
(1)
Max
Units
tUP
UP
¯¯ LOW Period
500
ns
tDOWN
DOWN
¯¯¯¯¯¯ LOW Period
500
ns
tUP_CYC
UP
¯¯ Cycle Time
1
µs
tDOWN_CYC
DOWN
¯¯¯¯¯¯ Cycle Time
1
µs
tUP_R, tUP_F
(2)
UP
¯¯ Rise and Fall Time
500
ns
tDOWN_R, tDOWN_F
(2)
DOWN
¯¯¯¯¯¯ Rise and Fall Time
500
ns
tUP_SET
UP
¯¯ Settling Time
200
ns
tDOWN_SET
DOWN
¯¯¯¯¯¯ Settling Time
200
ns
tPU
(2)
Power-up to Wiper Stable
1
ms
INTERFACE TIMING DIAGRAM
Increment RW in Discrete Steps
Decrement RW in Discrete Steps
Notes:
(1) Typical values are for TA = 25ºC and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.
(3) MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
RW
UP
tUP
tUP_SET
tUP_CYC
tUP_R
tUP_F
MI(3)
10%
10%
90%
90%
RW
DOWN
tDOWN
tDOWN_SET
tDOWN_CYC
tDOWN_R
tDOWN_F
10%
10%
90%
90%
MI(3)


Similar Part No. - CAT5128TBI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5128TBI-50 CATALYST-CAT5128TBI-50 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128TBI-50GT3 ONSEMI-CAT5128TBI-50GT3 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
More results

Similar Description - CAT5128TBI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ50 AD-AD5228BUJZ50 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com