Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848I Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848I
Description  PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848I Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83848I_08 Datasheet HTML 1Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 2Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 3Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 4Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 5Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 6Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 7Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 8Page - National Semiconductor (TI) DP83848I_08 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
© 2008 National Semiconductor Corporation
www.national.com
1
May
2008
DP83848I PHYTER
® - Industrial Temperature
Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
General Description
The DP83848I is a robust fully featured 10/100 single
port Physical Layer device offering low power con-
sumption, including several intelligent power down
states. These low power modes increase overall prod-
uct reliability due to decreased power dissipation. Sup-
porting multiple intelligent power modes allows the
application to use the absolute minimum amount of
power needed for operation. In addition to low power,
the DP83848I is optimized for cable length perfor-
mance far exceeding IEEE specifications.
The DP83848I includes a 25MHz clock out. This
means that the application can be designed with a
minimum of external parts, which in turn results in the
lowest possible total cost of the solution.
The DP83848I easily interfaces to twisted pair media
via an external transformer and fully supports JTAG
IEEE specification 1149.1 for ease of manufacturing.
Additionally both MII and RMII are supported ensuring
ease and flexibility of design.
The DP83848I features integrated sublayers to sup-
port both 10BASE-T and 100BASE-TX Ethernet proto-
cols, which ensures compatibility and interoperability
with all other standards based Ethernet solutions.
The DP83848I is offered in a small form factor (48 pin
LQFP) so that a minimum of board space is needed.
Applications
• High End Peripheral Devices
• Industrial Controls and Factory Automation
• General Embedded Applications
System Diagram
PHYTER
®
is a registered trademark of National Semiconductor.
Status
10BASE-T
or
100BASE-TX
MII/RMII/SNI
25 MHz
Clock
LEDs
DP83848I
10/100 Mb/s
MPU/CPU
Source
Typical Application
Features
• Low-power 3.3V, 0.18
µm CMOS technology
• Low power consumption < 270mW Typical
• 3.3V MAC Interface
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• 25 MHz clock out
• SNI Interface (configurable)
• RMII Rev. 1.2 Interface (configurable)
• MII Serial Management Interface (MDC and MDIO)
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and filters
• IEEE 1149.1 JTAG
• Integrated ANSI X3.263 compliant TP-PMD physical sub-
layer with adaptive equalization and Baseline Wander com-
pensation
• Error-free Operation up to 150 meters
• Programmable LED support Link, 10 /100 Mb/s Mode, Activ-
ity, and Collision Detect
• Single register access for complete PHY status
• 10/100 Mb/s packet BIST (Built in Self Test)
• 48-pin LQFP package (7mm) x (7mm)


Similar Part No. - DP83848I_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848I/C TI1-DP83848I/C Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV/NOPB TI1-DP83848IVV/NOPB Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX/NOPB TI1-DP83848IVVX/NOPB Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results

Similar Description - DP83848I_08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
   PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C_07 Datasheet
2Mb / 82P
   PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848YB NSC-DP83848YB_08 Datasheet
3Mb / 84P
   PHYTER짰 - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848VYB NSC-DP83848VYB Datasheet
1Mb / 76P
   PHYTER짰 - Extended Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849C NSC-DP83849C_08 Datasheet
3Mb / 98P
   PHYTER짰 DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83849I NSC-DP83849I_08 Datasheet
3Mb / 106P
   PHYTER짰 DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com