Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC196A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC196A_08 Datasheet HTML 2Page - Semtech Corporation SC196A_08 Datasheet HTML 3Page - Semtech Corporation SC196A_08 Datasheet HTML 4Page - Semtech Corporation SC196A_08 Datasheet HTML 5Page - Semtech Corporation SC196A_08 Datasheet HTML 6Page - Semtech Corporation SC196A_08 Datasheet HTML 7Page - Semtech Corporation SC196A_08 Datasheet HTML 8Page - Semtech Corporation SC196A_08 Datasheet HTML 9Page - Semtech Corporation SC196A_08 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© 2008 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Pin #
Pin Name
Pin Function
1
VIN
Input power supply voltage
2
MODE
MODE select pin - MODE = V
IN to select 100% duty cycle function; MODE = GND to disable 100% duty
cycle capability.
3
SYNC/PWM
Oscillator synchronization input - Tie to V
IN for forced PWM mode or GND to allow the part to enter PSAVE
mode at light loads. Apply an external clock signal for frequency synchronization.
4EN
Enable digital input - a high input enables the SC196A; a low disables and reduces quiescent current to
less than 1μA. In shutdown, LX becomes high impedance.
5
VOUT
Regulated output voltage and feedback for SC196A
6
VID0
Logic level bit 0 used in conjunction with VID1 to set the output voltage. Connect high or low as required
to select the desired output voltage. If not connected, the output voltage will be indeterminate.
7
VID1
Logic level bit 1 used in conjunction with VID0 to set the output voltage. Connect high or low as required
to select the desired output voltage. If not connected, the output voltage will be indeterminate.
8
GND
Ground
9
PGND
Power Ground
10
LX
Inductor connection to the switching FETs


Similar Part No. - SC196A_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196AEVB SEMTECH-SC196AEVB Datasheet
558Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196AMLTRT SEMTECH-SC196AMLTRT Datasheet
558Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
More results

Similar Description - SC196A_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC196 SEMTECH-SC196 Datasheet
657Kb / 18P
   1.5A Synchronous Buck Converter with Integrated Power Devices
SC192 SEMTECH-SC192 Datasheet
261Kb / 15P
   Synchronous Buck Converter with Integrated Power Devices
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
   1A Synchronous Buck Converter with Integrated Power Devices
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
   1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
   1.5A 1.5MHz Synchronous Buck Converter
logo
Rohm
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com