Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRDA12-4.TB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SRDA12-4.TB
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRDA12-4.TB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SRDA12-4.TB Datasheet HTML 2Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 3Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 4Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 5Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 6Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 7Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 8Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 9Page - Semtech Corporation SRDA12-4.TB Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SRDA3.3-4 THRU SRDA12-4
PIN Descriptions
Figure 1 - “Rail-To-Rail” Protection Topology
(First Approximation)
Figure 2 - The Effects of Parasitic Inductance When
Using Discrete Components to Implement Rail-To-Rail
Protection
Figure 3 - Rail-To-Rail Protection Using
RailClamp TVS Arrays
Applications Information (continued)
approximation, the clamping voltage due to the charac-
teristics of the protection diodes is given by:
V
C
= V
CC
+ V
F
(for positive duration pulses)
V
C
= -V
F
(for negative duration pulses)
However, for fast rise time transient events, the
effects of parasitic inductance must also be consid-
ered as shown in Figure 2. Therefore, the actual
clamping voltage seen by the protected circuit will be:
V
C
= V
CC
+ V
F
+ L
P
di
ESD
/dt (for positive duration pulses)
V
C
= -V
F
- L
G
di
ESD
/dt
(for negative duration pulses)
ESD current reaches a peak amplitude of 30A in 1ns
for a level 4 ESD contact discharge per IEC 61000-4-2.
Therefore, the voltage overshoot due to 1nH of series
inductance is:
V = L
P
di
ESD
/dt = 1X10-9 (30 / 1X10-9) = 30V
Example:
Consider a V
CC
= 5V, a typical V
F
of 30V (at 30A) for the
steering diode and a series trace inductance of 10nH.
The clamping voltage seen by the protected IC for a
positive 8kV (30A) ESD pulse will be:
V
C
= 5V + 30V + (10nH X 30V/nH) = 335V
This does not take into account that the ESD current is
directed into the supply rail, potentially damaging any
components that are attached to that rail. Also note
the high V
F
of the discrete diode. It is not uncommon
for the V
F
of discrete diodes to exceed the damage
threshold of the protected IC. This is due to the
relatively small junction area of typical discrete compo-
nents. It is also possible that the power dissipation
capability of the discrete diode will be exceeded, thus
destroying the device.
The RailClamp is designed to overcome the inherent
disadvantages of using discrete signal diodes for ESD
suppression. The RailClamp’s integrated TVS diode
helps to mitigate the effects of parasitic inductance in
the power supply connection. During an ESD event,


Similar Part No. - SRDA12-4.TB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA12-4.TB SEMTECH-SRDA12-4.TB Datasheet
226Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4.TB SEMTECH-SRDA12-4.TB Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
SRDA12-4.TB SEMTECH-SRDA12-4.TB Datasheet
231Kb / 11P
   Low Capacitance TVS Diode Array
SRDA12-4.TBT SEMTECH-SRDA12-4.TBT Datasheet
226Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4.TBT SEMTECH-SRDA12-4.TBT Datasheet
231Kb / 11P
   Low Capacitance TVS Diode Array
More results

Similar Description - SRDA12-4.TB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com