Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRDA12-4 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SRDA12-4
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRDA12-4 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SRDA12-4 Datasheet HTML 2Page - Semtech Corporation SRDA12-4 Datasheet HTML 3Page - Semtech Corporation SRDA12-4 Datasheet HTML 4Page - Semtech Corporation SRDA12-4 Datasheet HTML 5Page - Semtech Corporation SRDA12-4 Datasheet HTML 6Page - Semtech Corporation SRDA12-4 Datasheet HTML 7Page - Semtech Corporation SRDA12-4 Datasheet HTML 8Page - Semtech Corporation SRDA12-4 Datasheet HTML 9Page - Semtech Corporation SRDA12-4 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SRDA3.3-4 THRU SRDA12-4
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
B
T
.
4
-
3
.
3
A
D
R
SV
3
.
30
0
5h
c
n
I
7
E
T
.
4
-
3
.
3
A
D
R
SV
3
.
30
0
5
2h
c
n
I
3
1
B
T
.
4
-
5
0
A
D
R
SV
50
0
5h
c
n
I
7
E
T
.
4
-
5
0
A
D
R
SV
50
0
5
2h
c
n
I
3
1
B
T
.
4
-
2
1
A
D
R
SV
2
10
0
5h
c
n
I
7
E
T
.
4
-
2
1
A
D
R
SV
2
10
0
5
2h
c
n
I
3
1
Note:
(1) No suffix indicates tube pack.


Similar Part No. - SRDA12-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
226Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
231Kb / 11P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
SRDA12-4 LEIDITECH-SRDA12-4 Datasheet
279Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
logo
Semtech Corporation
SRDA12-4.TB SEMTECH-SRDA12-4.TB Datasheet
226Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
More results

Similar Description - SRDA12-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com