Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP2402B Datasheet(PDF) 5 Page - Semtech Corporation

Part # RCLAMP2402B
Description  Ultra-Low Capacitance TVS for ESD and CDE Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP2402B Datasheet(HTML) 5 Page - Semtech Corporation

  RCLAMP2402B Datasheet HTML 1Page - Semtech Corporation RCLAMP2402B Datasheet HTML 2Page - Semtech Corporation RCLAMP2402B Datasheet HTML 3Page - Semtech Corporation RCLAMP2402B Datasheet HTML 4Page - Semtech Corporation RCLAMP2402B Datasheet HTML 5Page - Semtech Corporation RCLAMP2402B Datasheet HTML 6Page - Semtech Corporation RCLAMP2402B Datasheet HTML 7Page - Semtech Corporation RCLAMP2402B Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp2402B
Device Connection Options
This device is optimized for protection of 1 line
operating in excess of 3GHz. It may also be used to
protect two lines operating in excess of 2.0GHz. The
device is connected as follows:
Protection for one line with <1pF capacitance can be
achieved by connecting one data line to either pin 1 or
pin 2 with the other pin connected to ground. Pin 3 is
not connected. The connection to ground should be
made directly to a ground plane. The path length
should also be kept as short as possible to minimize
parasitic inductance.
Protection of two lines is achieved by connecting data
lines at pins 1 & 2. Pin 3 is connected to ground. The
connection to ground should be made directly to a
ground plane. The path length should also be kept as
short as possible to minimize parasitic inductance.
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish
is composed of 100% tin solder with large grains.
Since the solder volume on the leads is small com-
pared to the solder paste volume that is placed on the
land pattern of the PCB, the reflow profile will be
determined by the requirements of the solder paste.
Therefore, these devices are compatible with both
lead-free and SnPb assembly techniques. In addition,
unlike other lead-free compositions, matte tin does not
have any added alloys that can cause degradation of
the solder joint.
Figure 1. Pin Configuration
Applications Information


Similar Part No. - RCLAMP2402B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2431T SEMTECH-RCLAMP2431T Datasheet
115Kb / 6P
   Ultra-Low Capacitance 1-Line ESD protection
RClamp2431T.TCT SEMTECH-RClamp2431T.TCT Datasheet
115Kb / 6P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ SEMTECH-RCLAMP2431TQ Datasheet
126Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ.TCT SEMTECH-RCLAMP2431TQ.TCT Datasheet
126Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2451Y SEMTECH-RCLAMP2451Y Datasheet
343Kb / 8P
   Ultra Small RailClamp짰 1-Line, 24V ESD Protection
More results

Similar Description - RCLAMP2402B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSLC05C YEASHIN-YSLC05C Datasheet
998Kb / 4P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B Datasheet
189Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP1502B SEMTECH-RCLAMP1502B_09 Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502B SEMTECH-RCLAMP0502B Datasheet
317Kb / 9P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502BA SEMTECH-RCLAMP0502BA Datasheet
166Kb / 7P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Pan Jit International I...
PJE5UFN10A-AU PANJIT-PJE5UFN10A-AU Datasheet
235Kb / 5P
   Ultra Low Capacitance TVS-ESD Protection
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
logo
Rectron Semiconductor
TEP0801SLC RECTRON-TEP0801SLC Datasheet
751Kb / 6P
   Ultra Low Capacitance TVS/ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SZMD0502 SECOS-SZMD0502 Datasheet
209Kb / 2P
   Ultra Low Capacitance TVS/ESD Protection Diode
logo
Rectron Semiconductor
TEP0302D RECTRON-TEP0302D Datasheet
181Kb / 4P
   Ultra Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com