Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP0504S.TCT Datasheet(PDF) 7 Page - Semtech Corporation

Part # RCLAMP0504S.TCT
Description  RailClamp짰 Low Capacitance TVS Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0504S.TCT Datasheet(HTML) 7 Page - Semtech Corporation

  RCLAMP0504S.TCT Datasheet HTML 1Page - Semtech Corporation RCLAMP0504S.TCT Datasheet HTML 2Page - Semtech Corporation RCLAMP0504S.TCT Datasheet HTML 3Page - Semtech Corporation RCLAMP0504S.TCT Datasheet HTML 4Page - Semtech Corporation RCLAMP0504S.TCT Datasheet HTML 5Page - Semtech Corporation RCLAMP0504S.TCT Datasheet HTML 6Page - Semtech Corporation RCLAMP0504S.TCT Datasheet HTML 7Page - Semtech Corporation RCLAMP0504S.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0504S
Outline Drawing - SOT-23 6L
Land Pattern - SOT-23 6L
.110 BSC
.037 BSC
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
6
SEE DETAIL
A1
A
A2
bxN
A
.008
12
N
E
.060
.114
.063
.122
.010
-
6
A
0.20
1.60
3.10
2.80 BSC
0.95 BSC
.069 1.50
2.90
.020 0.25
1.75
0.50
-
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
2.80
.110
bbb
C A-B D
.008
-
.004
.012
.003
(.024)
.018
-
.035
.000
.035
-
-
.045
0.10
0.20
10°
-
10°
1.15
(0.60)
0.45
.024
.009
0.30
0.08
.057
.051
.006 0.00
.90
0.90
0.22
0.60
-
0.15
1.45
1.30
-
-
1.90 BSC
.075 BSC
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
NOM
INCHES
DIMENSIONS
L1
aaa
bbb
ccc
01
N
DIM
c
e
e1
L
E1
E
D
A1
A2
b
A
MIN
MILLIMETERS
MAX MIN NOM MAX
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
(C)
Z
Y
G
.043
.141
.055
(.098)
.037
.024
1.40
(2.50)
0.95
0.60
1.10
3.60
X
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.


Similar Part No. - RCLAMP0504S.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0504F SEMTECH-RCLAMP0504F Datasheet
182Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504F.TCT SEMTECH-RCLAMP0504F.TCT Datasheet
182Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504FA SEMTECH-RCLAMP0504FA Datasheet
160Kb / 9P
   RailClamp짰Low Capacitance TVS Array
RCLAMP0504FATCT SEMTECH-RCLAMP0504FATCT Datasheet
160Kb / 9P
   RailClamp짰Low Capacitance TVS Array
logo
TECH PUBLIC Electronics...
RCLAMP0504FATCT TECHPUBLIC-RCLAMP0504FATCT Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
More results

Similar Description - RCLAMP0504S.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0502A SEMTECH-RCLAMP0502A Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504F SEMTECH-RCLAMP0504F Datasheet
182Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0854P SEMTECH-RCLAMP0854P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP1654P SEMTECH-RCLAMP1654P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP3654P SEMTECH-RCLAMP3654P Datasheet
205Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
SRDA3.3-4 SEMTECH-SRDA3.3-4 Datasheet
179Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504P SEMTECH-RCLAMP0504P Datasheet
211Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com