Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP0502N.TCT Datasheet(PDF) 4 Page - Semtech Corporation

Part # RCLAMP0502N.TCT
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0502N.TCT Datasheet(HTML) 4 Page - Semtech Corporation

  RCLAMP0502N.TCT Datasheet HTML 1Page - Semtech Corporation RCLAMP0502N.TCT Datasheet HTML 2Page - Semtech Corporation RCLAMP0502N.TCT Datasheet HTML 3Page - Semtech Corporation RCLAMP0502N.TCT Datasheet HTML 4Page - Semtech Corporation RCLAMP0502N.TCT Datasheet HTML 5Page - Semtech Corporation RCLAMP0502N.TCT Datasheet HTML 6Page - Semtech Corporation RCLAMP0502N.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0502N
Device Connection Options for Protection of Two High-
Speed Data Lines
Data line inputs are normally connected at pins 4 & 5
with the outputs connected at pins 2 & 3. Pin 1 is
connected to ground. Note that the circuit at the ground
pin is identical to the circuit at each data input/output
pin. This is done to further reduce capacitance. The
connection to ground should be made directly to a
ground plane. The path length should also be kept as
short as possible to minimize parasitic inductance. Pin
6 can be connected to Vcc biased or left not connected
depending upon the application.
Protecting USB 2.0 Interfaces
The USB interface consists of Data (D- and D+) lines and
a 5.25V voltage bus. Since these pins are part of the
connector, they are vulnerable to ESD and cable
discharge events. The RClamp0502N is designed to
protect all four USB connections (VCC, D-, D+, and Gnd).
Each device will protect one USB port. When the voltage
on the data lines exceed the bus voltage (plus one diode
drop), the internal rectifiers are forward biased
conducting the transient current away from the
protected controller chip. The TVS diode directs the
surge to ground. The TVS diode also acts to suppress
ESD strikes directly on the voltage bus. Thus, both
power and data pins are protected with a single device.
Applications Information
Figure 1- Pin Configuration & Circuit Diagram
Figure 2 - USB 2.0 High Speed Protection
6
14
5
Gnd
Vbus
D-
D+
USB Connector
USB Controller
Pin 1
D+
D-
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
GND (Pin 1)
NC (Pin 2)
NC (Pin 3)
D+ or D- (Pin 4)
VBus (Pin 6)
D+ or D- (Pin 5)


Similar Part No. - RCLAMP0502N.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0502A SEMTECH-RCLAMP0502A Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0502A.TCT SEMTECH-RCLAMP0502A.TCT Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0502B SEMTECH-RCLAMP0502B Datasheet
317Kb / 9P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
TECH PUBLIC Electronics...
RCLAMP0502B TECHPUBLIC-RCLAMP0502B Datasheet
1Mb / 4P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
RCLAMP0502B.TCT SEMTECH-RCLAMP0502B.TCT Datasheet
317Kb / 9P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
More results

Similar Description - RCLAMP0502N.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com