Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM8 Datasheet(PDF) 1 Page - Semtech Corporation

Part # PM8
Description  Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

PM8 Datasheet(HTML) 1 Page - Semtech Corporation

  PM8 Datasheet HTML 1Page - Semtech Corporation PM8 Datasheet HTML 2Page - Semtech Corporation PM8 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER DISCRETES
1
www.semtech.com
PM6/PM8/PM0
Axial Leaded Hermetically Sealed
Standard Recovery Rectifier Diode
Features
Revision: August 22, 2007
Quick reference data
V
R = 600V - 1000V
I
F
= 2.0A
t
rr = 3µS
I
R = 1.0µA
Avalanche capability
High thermal shock resistance
Glass passivated for hermetic sealing
Low reverse leakage currents
Low forward voltage drop
Absolute Maximum Ratings
Electrical specifications @ T
A = 25°C unless otherwise specified.
l
o
b
m
y
S6
M
P8
M
P0
M
Ps
t
i
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
g
n
i
k
r
o
WV
M
W
R
0
0
60
0
80
0
0
1V
e
g
a
tl
o
V
e
s
r
e
v
e
R
e
v
it
it
e
p
e
RV
M
R
R
0
0
60
0
80
0
0
1V
e
g
a
tl
o
V
e
s
r
e
v
e
R
e
g
r
u
SV
M
S
R
0
5
60
0
90
0
1
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
"
5
7
3
.
0
h
t
g
n
e
l
d
a
e
l
,
C
°
5
5
@
I
)
V
A
(
F
0
.
2A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
"
5
7
3
.
0
h
t
g
n
e
l
d
a
e
l
,r
i
a
e
e
r
f
n
i
C
°
5
5
@
I
M
R
F
0
.
2
1A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
-
n
o
N
)
e
v
a
w
e
n
i
s
fl
a
h
,
S
m
0
1
=
p
t
(
I
M
S
F
0
5A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
7
1
+
o
t
5
5
-C
°
Description


Similar Part No. - PM8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
   Dual Output Super-mini Signal Conditioners Pico-M Series
logo
Panasonic Semiconductor
PM8 PANASONIC-PM8 Datasheet
625Kb / 9P
   Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
Powerbox
PM80 POWERBOX-PM80 Datasheet
514Kb / 1P
   60 - 80 WATTS DC/DC SINGLE - DUAL
logo
Artesyn Technologies
PM800 ARTESYN-PM800 Datasheet
38Kb / 2P
   Single and dual output 10 to 12 Watt Nominal input DC/DC converters
logo
Powerex Power Semicondu...
PM800DV1A060 POWEREX-PM800DV1A060 Datasheet
580Kb / 6P
   Single Phase IGBT Inverter Output 800 Amperes/600 Volts
More results

Similar Description - PM8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
3SM2 NJSEMI-3SM2 Datasheet
74Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Semtech Corporation
1N5550 SEMTECH-1N5550 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com